Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 60 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 60 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 56Page - Analog Devices LTM4677 Datasheet HTML 57Page - Analog Devices LTM4677 Datasheet HTML 58Page - Analog Devices LTM4677 Datasheet HTML 59Page - Analog Devices LTM4677 Datasheet HTML 60Page - Analog Devices LTM4677 Datasheet HTML 61Page - Analog Devices LTM4677 Datasheet HTML 62Page - Analog Devices LTM4677 Datasheet HTML 63Page - Analog Devices LTM4677 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 116 page
background image
LTC3883/LTC3883-1
60
Rev. F
For more information www.analog.com
The ripple will be 4.79A (32%). The peak inductor current
will be the maximum DC value plus one-half the ripple
current or 17.39A. The minimum on time occurs at the
maximum VIN, and should not be less than 45ns:
tON(MIN) =
VOUT
VIN(MAX) • f
=
1.8V
20V 500kHz
(
)
= 180ns
The Vishay IHLP4040DZ-11 1µH (2.3mΩ DCRTYP at 25°C)
is the chosen inductor.
Assuming the temperature measurement of the inductor
temperatureisaccurateandC1issetto0.2µF,RDisinfinite
and removed from the equations.
R1=
L
DCR at 25°C
(
) • C1
=
1µH
2.5mΩ • 0.2µF
= 1.37k
The maximum power loss in R0 is related to the duty
cycle, and will occur in continuous mode at the maximum
input voltage:
PLOSSR1=
VIN(MAX) – VOUT
(
) • VOUT
R1
=
20 – 1.8
(
) • 1.8
1.37k
= 23.91mW
The current limit will be set 20% higher than the peak
value to assure variation in components and noise in the
system do not limit the average current.
VILIMIT = IPEAK • RDCR(MAX) = 17.39A • 2.5mΩ = 43mV
TheclosestVILIMITsettingis42.9mVor46.4mV.Thevalues
are entered with the IOUT_OC_FAULT_LIMIT command.
Based on expected variation and measurement in the lab
across the sense capacitor the user can determine the
optimal setting.
The power dissipation on the topside MOSFET can be
easily estimated. Choose a M1: INFINEON BSC050NE2LS
topside MOSFET. RDS(ON) = 5.7mΩ, CMILLER = 35pF. At
maximum input voltage with T estimated = 50°C and a
bottom side MOSFET a M2: INFINEON BSC010NE2LSI,
RDS(ON) = 1.1mΩ:
APPLICATIONS INFORMATION
PMAIN =
1.8V
20V
• 17.25
(
)
2 • 1+ 0.005
(
) 50°C – 25°C
(
)
⎡⎣
⎤⎦
• 5.7mΩ + 20V
(
)
2 8.695A
(
) •
1
5 – 2.3
+
1
2.3
⎛
⎝⎜
⎞
⎠⎟
35pF
(
) 500kHz
(
) = 0.221W
The loss in the bottom side MOSFET is:
PSYNC =
20V – 1.8V
(
)
20V
• 17.25A
(
)
2 •
1+ 0.005
(
) 50°C – 25°C
(
)
⎡⎣
⎤⎦ • 1.1mΩ
= 0.335W
Both MOSFETS have I2R losses while the PMAIN equation
includes an additional term for transition losses, which
are highest at high input voltages.
CIN is chosen for an RMS current rating of:
CIN Required IRMS =
17.25
20
1.8
( ) • 20 – 1.8
(
)
⎡⎣
⎤⎦
1/2
= 4.9A
at temperature. COUT is chosen with an ESR of 0.006Ω for
low output ripple. The output ripple in continuous mode
will be highest at the maximum input voltage. The output
voltage ripple due to ESR is
VORIPPLE = R(∆IL) = 0.006Ω • 5.5A = 33mV.
CONNECTING THE USB TO I2C/SMBus/PMBus
CONTROLLER TO THE LTC3883 IN SYSTEM
The ADI USB to I2C/SMBus/PMBus controller can be
interfaced to the LTC3883 on the user’s board for pro-
gramming, telemetry and system debug. The controller,
when used in conjunction with LTpowerPlay, provides a
powerful way to debug an entire power system. Faults are
quicklydiagnosedusingtelemetry,faultstatuscommands
and the fault log. The final configuration can be quickly
developed and stored to the LTC3883 EEPROM.
Figure 29 illustrates the application schematic for power-
ing, programming and communication with one or more
LTC3883s via the ADI I2C/SMBus/PMBus controller
regardless of whether or not system power is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com