Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 83 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 83 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 79Page - Analog Devices LTM4677 Datasheet HTML 80Page - Analog Devices LTM4677 Datasheet HTML 81Page - Analog Devices LTM4677 Datasheet HTML 82Page - Analog Devices LTM4677 Datasheet HTML 83Page - Analog Devices LTM4677 Datasheet HTML 84Page - Analog Devices LTM4677 Datasheet HTML 85Page - Analog Devices LTM4677 Datasheet HTML 86Page - Analog Devices LTM4677 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 116 page
background image
LTC3883/LTC3883-1
83
Rev. F
For more information www.analog.com
PMBus COMMAND DETAILS
Timing—Off Sequence/Ramp
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
DATA
FORMAT
UNITS
NVM
DEFAULT
VALUE
TOFF_DELAY
0x64
Time from RUN and/or Operation off to the start
of TOFF_FALL ramp.
R/W Word
L11
ms
Y
0.0
0x8000
TOFF_FALL
0x65
Time from when the output starts to fall until the
output reaches zero volts.
R/W Word
L11
ms
Y
8.0
0xD200
TOFF_MAX_WARN_LIMIT
0x66
Maximum allowed time, after TOFF_FALL
completed, for the unit to decay below 12.5%.
R/W Word
L11
ms
Y
150
0xF258
TOFF_DELAY
The TOFF_DELAY command sets the time, in milliseconds, from when a stop condition is received until the output
voltage starts to fall. Values from 0 to 83 seconds are valid. The TON_DELAY will have a typical delay of 270µs with
an uncertainty of ±50µs.
This command is excluded from fault events.
This command has two data bytes and is formatted in Linear_5s_11s format.
TOFF_FALL
The TOFF_FALL command sets the time, in milliseconds, from the end of the turn-off delay time until the output volt-
age is commanded to zero. It is the ramp time of the VOUT DAC. When the VOUT DAC is zero, the part will three-state.
The part will maintain the mode of operation programmed. For defined TOFF_FALL times, the user should set the part
to continuous conduction mode. Loading the max value indicates the part will ramp down at the slowest possible rate.
The minimum supported fall time is 0.25ms. A value less than 0.25ms will result in a 0.25ms ramp. The maximum
fall time is 1.3 seconds. The number of steps in TOFF_FALL is equal to TOFF_FALL (in ms)/0.1ms with an uncertainty
of ±0.1ms.
In discontinuous conduction mode, the controller will not draw current from the load and the fall time will be set by
the output capacitance and load current.
This command has two data bytes and is formatted in Linear_5s_11s format.
TOFF_MAX_WARN_LIMIT
The TOFF_MAX_WARN_LIMIT command sets the value, in milliseconds, on how long the unit can attempt to turn off
the output until a warning is asserted. The output is considered off when the VOUT voltage is less than 12.5% of the
programmed VOUT_COMMAND value. The calculation begins after TOFF_FALL is complete. TOFF_MAX_WARN_LIMIT
is not enabled if VOUT_DECAY is disabled.
A data value of 0ms means that there is no limit and that the unit can attempt to turn off the output voltage indefinitely.
Other than 0, values from 120ms to 524 seconds are valid.
This command has two data bytes and is formatted in Linear_5s_11s format.
Precondition for Restart
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
DATA
FORMAT
UNITS
NVM
DEFAULT
VALUE
MFR_RESTART_ DELAY
0xDC
Minimum time the RUN pin is held low by the
LTC3883.
R/W Word
L11
ms
Y
500
0xFBE8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com