Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 91 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 91 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 87Page - Analog Devices LTM4677 Datasheet HTML 88Page - Analog Devices LTM4677 Datasheet HTML 89Page - Analog Devices LTM4677 Datasheet HTML 90Page - Analog Devices LTM4677 Datasheet HTML 91Page - Analog Devices LTM4677 Datasheet HTML 92Page - Analog Devices LTM4677 Datasheet HTML 93Page - Analog Devices LTM4677 Datasheet HTML 94Page - Analog Devices LTM4677 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 116 page
background image
LTC3883/LTC3883-1
91
Rev. F
For more information www.analog.com
MFR_GPIO_PROPAGATE_LTC3883
The MFR_GPIO_PROPAGATE_LTC3883 command enables the events that can cause the GPIO pin to assert low. The
command is formatted as shown in Table 10. Faults can only be propagated to the GPIO pin if they are programmed
to respond to faults.
This command has two data bytes.
Table 10: GPIO Propagate Configuration
The GPIO pin is designed to provide electrical notification of selected events to the user.
BIT(S)
SYMBOL
OPERATION
B[15]
VOUT disabled while not decayed.
This status bit is used in a PolyPhase configuration when bit 0 of the MFR_CHAN_CONFIG_
LTC3883 is a zero. If the PWM is turned off, by toggling the RUN pin or commanding the part OFF,
and then the RUN is reasserted or the part is commanded back on before the output has decayed,
VOUT will not restart until the 12.5% decay is honored. The GPIO pin is asserted during this
condition if bit 15 is asserted.
B[14]
Mfr_gpio_propagate_short_CMD_cycle 0: No action
1: This status bit asserts low if commanded off then on before the output has sequenced off.
Re-asserts high after sequence off.
b[13]
Mfr_gpio_propagate_ton_max_fault
0: No action if a TON_MAX_FAULT fault is asserted
1: GPIO will be asserted low if a TON_MAX_FAULT fault is asserted
b[12]
Reserved
b[11]
Mfr_gpio_propagate_int_ot
0: No action if the MFR_OT_FAULT_LIMIT fault is asserted
1: Output will be asserted low if the MFR_OT_FAULT_LIMIT fault is asserted
b[10]
Reserved
Must be set to 0
b[9]
Reserved
b[8]
Mfr_gpio_propagate_ut
0: No action if the UT_FAULT_LIMIT fault is asserted
1: GPIO will be asserted low if the UT_FAULT_LIMIT fault is asserted
b[7]
Mfr_gpio_propagate_ot
0: No action if the OT_FAULT_LIMIT fault is asserted
1: GPIO will be asserted low if the OT_FAULT_LIMIT fault is asserted
b[6]
Reserved
b[5]
Reserved
b[4]
Mfr_gpio_propagate_input_ov
0: No action if the VIN_OV_FAULT_LIMIT fault is asserted
1: GPIO will be asserted low if the VIN_OV_FAULT_LIMIT fault is asserted
b[3]
Reserved
b[2]
Mfr_gpio_propagate_iout_oc
0: No action if the IOUT_OC_FAULT_LIMIT fault is asserted
1: GPIO will be asserted low if the IOUT_OC_FAULT_LIMIT fault is asserted
b[1]
Mfr_gpio_propagate_vout_uv
0: No action if the VOUT_UV_FAULT_LIMIT fault is asserted
1: GPIO will be asserted low if the VOUT_UV_FAULT_LIMIT fault is asserted
If this fault bit is asserted, GPIO is low anytime VOUT is below the UV threshold due to a fault. A
UV fault can only occur when the part is in a steady-state ON condition.
b[0]
Mfr_gpio_propagate_vout_ov
0: No action if the VOUT_OV_FAULT_LIMIT fault is asserted
1: GPIO will be asserted low if the VOUT_OV_FAULT_LIMIT fault is asserted
PMBus COMMAND DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com