Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 40 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 40 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 36Page - Analog Devices LTM4677 Datasheet HTML 37Page - Analog Devices LTM4677 Datasheet HTML 38Page - Analog Devices LTM4677 Datasheet HTML 39Page - Analog Devices LTM4677 Datasheet HTML 40Page - Analog Devices LTM4677 Datasheet HTML 41Page - Analog Devices LTM4677 Datasheet HTML 42Page - Analog Devices LTM4677 Datasheet HTML 43Page - Analog Devices LTM4677 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 116 page
background image
LTC3883/LTC3883-1
40
Rev. F
For more information www.analog.com
VIN
VIN
INTVCC
BOOST
TG
SW
BG
PGND
FILTER COMPONENTS
PLACED NEAR SENSE PINS
ISENSE+
ISENSE–
SGND
LTC3883
VOUT
3883 F018b
CF • 2RF ≤ ESL/RS
POLE-ZERO
CANCELLATION
SENSE RESISTOR
PLUS PARASITIC
INDUCTANCE
RS
ESL
CF
RF
RF
VIN
VIN
INTVCC
BOOST
TG
SW
BG
PGND
*PLACE C1 NEAR SENSE+, SENSE– PINS
INDUCTOR
DCR
R3
OPTIONAL
C2
>1µF
L
ISENSE+
ISENSE–
SGND
LTC3883
VOUT
3883 F18a
R1
R2
C1*
[(R1+ R3)||R2]
• C1 = 2 •L
DCR
IOUT_CAL_GAIN = DCR
•
; R3 = R1
R2
R1 + R2 + R3
APPLICATIONS INFORMATION
The current comparator has a maximum threshold
VSENSE(MAX) determined by the ILIMIT setting. The input
common mode range of the current comparator is 0V to
5.5V (if VIN is greater than 6V). The current comparator
threshold sets the peak of the inductor current, yielding
a maximum average output current IMAX equal to the
peak value less half the peak-to-peak ripple current ∆IL.
To calculate the sense resistor value, use the equation:
RSENSE =
VSENSE(MAX)
IMAX +
∆IL
2
Due to possible PCB noise in the current sensing loop, the
AC current sensing ripple of ∆VSENSE = ∆IL • RSENSE also
needs to be checked in the design to get a good signal-to-
noise ratio. In general, for a reasonably good PCB layout,
a 15mV minimum ∆VSENSE voltage is recommended as
a conservative number to start with, either for RSENSE or
DCR sensing applications.
For previous generation current mode controllers, the
maximum sense voltage was high enough (e.g., 75mV for
the LTC1628/LTC3728 family) that the voltage drop across
the parasitic inductance of the sense resistor represented
a relatively small error. In the new highest current density
solutions; however, the value of the sense resistor can be
less than 1mΩ and the peak sense voltage can be less than
20mV.Inaddition,inductorripplecurrentsgreaterthan50%
with operation up to 1MHz are becoming more common.
Under these conditions, the voltage drop across the sense
resistor’s parasitic inductance is no longer negligible. A
typical sensing circuit using a discrete resistor is shown in
Figure 18b. In previous generations of controllers, a small
RC filter placed near the IC was commonly used to reduce
the effects of the capacitive and inductive noise coupled
in the sense traces on the PCB. A typical filter consists of
two series 100Ω resistors connected to a parallel 1000pF
capacitor, resulting in a time constant of 200ns.
This same RC filter with minor modifications, can be
used to extract the resistive component of the current
sense signal in the presence of parasitic inductance. For
example,Figure19illustratesthevoltagewaveformacross
a 2mΩ resistor with a 2010 footprint. The waveform is
the superposition of a purely resistive component and a
Figure 18a. Inductor DCR Current Sense Circuit
Figure 18b. Resistor Current Sense Circuit
C1 should be placed close to the IC pins. This impedance
difference can result in loss of accuracy in the current
reading of the ADC. The current reading accuracy can be
improved by matching the impedance of the two pins. To
accomplish this add a series resistor between VOUT and
ISENSE– equal to R1. A capacitor of 1µF or greater should
be placed in parallel with this resistor. If the peak voltage
is <75mV at room temperature, R2 is not required.
LOW VALUE RESISTOR CURRENT SENSING
A typical sensing circuit using a discrete resistor is shown
in Figure 18b. RSENSE is chosen based on the required
output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com