Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 41 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 41 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 37Page - Analog Devices LTM4677 Datasheet HTML 38Page - Analog Devices LTM4677 Datasheet HTML 39Page - Analog Devices LTM4677 Datasheet HTML 40Page - Analog Devices LTM4677 Datasheet HTML 41Page - Analog Devices LTM4677 Datasheet HTML 42Page - Analog Devices LTM4677 Datasheet HTML 43Page - Analog Devices LTM4677 Datasheet HTML 44Page - Analog Devices LTM4677 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 116 page
background image
LTC3883/LTC3883-1
41
Rev. F
For more information www.analog.com
APPLICATIONS INFORMATION
purely inductive component. It was measured using two
scope probes and waveform math to obtain a differential
measurement. Based on additional measurements of the
inductor ripple current and the on-time, tON, and off-time,
tOFF,ofthetopswitch,thevalueoftheparasiticinductance
was determined to be 0.5nH using the equation:
ESL =
VESL(STEP)
∆IL
•
tON • tOFF
tON + tOFF
(1)
If the RC time constant is chosen to be close to the para-
sitic inductance divided by the sense resistor (L/R), the
resultant waveform looks resistive, as shown in Figure 20.
For applications using low maximum sense voltages,
check the sense resistor manufacturer’s data sheet for
information about parasitic inductance. In the absence of
data, measure the voltage drop directly across the sense
resistor to extract the magnitude of the ESL step and use
Equation1todeterminetheESL.However,donotoverfilter
the signal. Keep the RC time constant less than or equal to
the inductor time constant to maintain a sufficient ripple
voltage on VRSENSE for optimal operation of the current
loop controller.
INDUCTOR DCR CURRENT SENSING
For applications requiring the highest possible efficiency
at high load currents, the LTC3883 is capable of sensing
the voltage drop across the inductor DCR, as shown in
Figure 18a. The DCR of the inductor represents the small
amount of DC winding resistance of the copper, which
can be less than 1mΩ for today’s low value, high current
inductors. In a high current application requiring such an
inductor, conduction loss through a sense resistor would
cost a few points of efficiency compared to DCR sensing.
If the external (R1 + R3)||R2 • C1 time constant is chosen
to be exactly equal to the L/DCR time constant, assuming
R1 = R3, the voltage drop across the external capacitor,C1,
is equal to the drop across the inductor DCR multiplied by
R2/(R1+R2+R3). R2 scales the voltage across the sense
terminals for applications where the DCR is greater than
the target sense resistor value. The DCR value is entered
as the IOUT_CAL_GAIN in mΩ unless R2 is required. If
R2 is used:
IOUT _ CAL _ GAIN = DCR •
R2
R1+ R2 + R3
If there is no need to attenuate the signal, R2 can be
removed. To properly dimension the external filter com-
ponents, the DCR of the inductor must be known. It
can be measured using an accurate RLC meter, but the
DCR tolerance is not always the same and varies with
temperature. Consult the manufacturers’ data sheets
for detailed information. The LTC3883 will account for
temperature variation if the correct parameter is entered
into the MFR_IOUT_CAL_GAIN_TC command. Typically
the resistance has a 3900ppm/°C coefficient.
C2 can be optimized for a flat frequency response, assum-
ing R1 = R3 by the following equation:
C2 = [2R1 • R2 • C1-L/DCR • (2R1+R2)]/R12
Using the inductor ripple current value from the Inductor
ValueCalculationsection,thetargetsenseresistorvalueis:
RSENSE(EQUIV) =
VSENSE(MAX)
IMAX +
∆IL
2
Figure 19. Voltage Measured Directly Across RSENSE
Figure 20. Voltage Measured After the RSENSE Filter
500ns/DIV
VSENSE
20mV/DIV
3883 F19
VESL(STEP)
500ns/DIV
VSENSE
20mV/DIV
3883 F20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com