Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 1 Page - Analog Devices

  LTM4677 Datasheet HTML 1Page - Analog Devices LTM4677 Datasheet HTML 2Page - Analog Devices LTM4677 Datasheet HTML 3Page - Analog Devices LTM4677 Datasheet HTML 4Page - Analog Devices LTM4677 Datasheet HTML 5Page - Analog Devices LTM4677 Datasheet HTML 6Page - Analog Devices LTM4677 Datasheet HTML 7Page - Analog Devices LTM4677 Datasheet HTML 8Page - Analog Devices LTM4677 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 116 page
background image
LTC3883/LTC3883-1
1
Rev. F
For more information www.analog.com
Document Feedback
n
PMBus/I2C Compliant Serial Interface
n
Telemetry Read-Back Includes VIN, IIN, VOUT,
IOUT, Temperature and Faults
n
Programmable Voltage, Current Limit, Digital
Soft-Start/Stop, Sequencing, Margining, OV/UV/OC
and Frequency Synchronization (250kHz to 1MHz)
n
±0.5% Output Voltage Accuracy over Temperature
n
Integrated 16-Bit ADC and 12-Bit DAC
n
Integrated High Side Current Sense Amplifier
n
Internal EEPROM with ECC and Fault Logging
n
Integrated N-Channel MOSFET Gate Drivers
Power Conversion
n
Wide VIN Range: 4.5V to 24V
n
VOUT Range: 0.5V to 5.4V
n
Analog Current Mode Control Loop
n
Accurate PolyPhase® Current Sharing for Up to 6 Phases
n
Auto Calibration of Inductor DCR
n
Minimum On Time 45ns
n
Available in a 32-Lead (5mm × 5mm) QFN Package
n
AEC-Q100 Qualified for Automotive Applications
TYPICAL APPLICATION
DESCRIPTION
Single Phase Step-Down DC/DC Controller with
Digital Power System Management
The LTC®3883/LTC3883-1 are PolyPhase capable DC/DC
synchronous step-down switching regulator controllers
with a PMBus compliant serial interface. The controllers
use a constant frequency, current mode architecture that
is supported by the LTPowerPlay™ software development
tool with graphical user interface (GUI).
Switching frequency, output voltage, and device address
canbeprogrammedusingexternalconfigurationresistors.
Additionally, parameters can be set via the digital interface
or stored in on-chip EEPROM.
The LTC3883/LTC3883-1 can be configured for Burst
Mode®operation,discontinuous(pulse-skipping)modeor
continuous inductor current mode. The LTC3883 incorpo-
rates an internal 5V linear regulator while the LTC3883-1
uses an external 5V supply for minimum power loss.
The LTC3883/LTC3883-1 are available in a 32-lead 5mm
× 5mm QFN package.
FEATURES
APPLICATIONS
n
High Current Distributed Power Systems
n
Telecom Systems
n
Intelligent Energy Efficient Power Regulation
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. Patents including 5481178, 5705919, 5929620, 6100678, 6144194, 6177787, 5408150,
6580258, 6304066, 7420359. Licensed under U.S. Patent 7000125 and other related patents
worldwide.
LOAD CURRENT (A)
0.01
0
10
30
40
50
100
70
0.1
1
3883 TA01b
20
80
90
60
0
2
8
7
1
4
6
5
3
10
100
VIN = 12V
VOUT = 1.8V
fSW = 350kHz
Efficiency and Power Loss
vs Load Current
0.1µF
1µF
10µF
COUT
530µF
PMBus
INTERFACE
TO/FROM
OTHER LTC DEVICES
WRITE PROTECT
2200pF
*SOME DETAILS OMITTED
FOR CLARITY
MMBT3906
10µF
5m
100
D1
M1
M2
1.4k
VOUT
1.8V
20A
4.99k
10nF
0.22µF
1µF
22µF
0.56µH
TG
BG
BOOST
SW
IIN_SNS
VIN_SNS
VIN
INTVCC
LTC3883*
TSNS
SHARE_CLK
WP
SGND
SDA
SCL
ALERT
RUN
GPIO
PGOOD
VDD33
VDD25
ITH
ISENSE+
VSENSE
ISENSE–
VIN
6V TO 24V
FAULT
MANAGEMENT
1µF
1µF
3883 TA01a
100


Similar Part No. - LTM4677

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4677 LINER-LTM4677 Datasheet
1Mb / 28P
Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
LTM4677 LINER-LTM4677 Datasheet
695Kb / 34P
25A DC/DC Step-Down 關Module Regulator
LTM4677 LINER-LTM4677 Datasheet
1Mb / 34P
30A DC/DC Step-Down 關Module Regulator
LTM4677 LINER-LTM4677 Datasheet
720Kb / 34P
Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4677 LINER-LTM4677 Datasheet
662Kb / 36P
Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
More results

Similar Description - LTM4677

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3883 LINER-LTC3883 Datasheet
1Mb / 112P
Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3880 LINER-LTC3880_15 Datasheet
1Mb / 116P
Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3883 LINER-LTC3883_15 Datasheet
1Mb / 112P
Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3883-1 LINER-LTC3883-1_15 Datasheet
1Mb / 112P
Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3880EUJ LINER-LTC3880EUJ Datasheet
3Mb / 14P
3-Phase Step-Down DC/DC Controller with Power System Management
LTC3883EUH LINER-LTC3883EUH Datasheet
1Mb / 16P
Single-Phase, Step-Down DC/DC Controller with Digital Power Management
LTC3886IUKG LINER-LTC3886IUKG Datasheet
3Mb / 26P
60V Dual Output Step-Down DC/DC Controller with Digital Power System Management
LTC3887EUJ LINER-LTC3887EUJ Datasheet
1Mb / 14P
Step-Down DC/DC Controller with Digital Power System Management
logo
Analog Devices
LTC3888-1 AD-LTC3888-1 Datasheet
2Mb / 110P
Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3888 AD-LTC3888 Datasheet
3Mb / 118P
Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com