Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 21 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 17Page - Analog Devices LTM4677 Datasheet HTML 18Page - Analog Devices LTM4677 Datasheet HTML 19Page - Analog Devices LTM4677 Datasheet HTML 20Page - Analog Devices LTM4677 Datasheet HTML 21Page - Analog Devices LTM4677 Datasheet HTML 22Page - Analog Devices LTM4677 Datasheet HTML 23Page - Analog Devices LTM4677 Datasheet HTML 24Page - Analog Devices LTM4677 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 116 page
background image
LTC3883/LTC3883-1
21
Rev. F
For more information www.analog.com
OPERATION
the decay time of the faulted output determines the retry
delay. If the natural decay time of the output is too long,
it is possible to remove the voltage requirement of the
MFR_RETRY_DELAY command by asserting bit 0 of
MFR_CHAN_CONFIG_LTC3883.Alternatively,thecontrol-
lercanbeconfiguredsothatitremainslatched-offfollow-
ing a fault and clearing requires user intervention such
as toggling RUN or commanding the part OFF then ON.
LIGHT LOAD CURRENT OPERATION
The LTC3883 has three modes of operation including high
efficiency Burst Mode operation, discontinuous conduc-
tion mode or forced continuous conduction mode. Mode
selection is done using the MFR_PWM_MODE_LTC3883
command (discontinuous conduction is always the start-
up mode, forced continuous is the default running mode).
In Burst Mode operation the peak current in the inductor
is set to approximately one-third of the maximum sense
voltage even though the voltage on the ITH pin indicates a
lower value. If the average inductor current is higher than
the load current, the error amplifier, EA, will decrease the
voltage on the ITH pin. When the ITH voltage drops below
approximately 0.5V, the internal Burst Mode operation as-
serts and both external MOSFETS are turned off. In Burst
Mode operation, the load current is supplied by the output
capacitor. As the output voltage decreases, the EA output
begins to rise. When the output voltage drops sufficiently,
Burst Mode operation is deasserted, and the controller
resumes normal operation by turning on the top external
MOSFET on the next PWM cycle.
If a controller is enabled for Burst Mode operation, the
inductor current is not allowed to reverse. The reverse
currentcomparator,IREV,turnsoffthebottomgateexternal
MOSFET just before the inductor current reaches zero,
preventing it from reversing and going negative. Thus,
the controller can operate in discontinuous operation.
In forced continuous operation, the inductor current is
allowed to reverse at light loads or under large transient
conditions. The peak inductor current is determined solely
by the voltage on the ITH pin. In this mode, the efficiency
at light loads is lower than in Burst Mode operation. How-
ever, continuous mode exhibits lower output ripple and
less interference with audio circuitry. Forced continuous
conduction mode may result in reverse inductor current,
which can cause the input supply to boost. The VIN_OV_
FAULT_LIMIT can detect this and turn off the offending
channel. However, this fault is based on an ADC read and
can take up to 80ms to detect. If there is a concern about
the input supply boosting, keep the part in discontinuous
conduction or Burst Mode operation.
If the part is set to Burst Mode operation, as the inductor
average current increases, the controller will automati-
cally modify the operation from Burst Mode operation,
to discontinuous mode to continuous mode.
SWITCHING FREQUENCY AND PHASE
The switching frequency of the LTC3883’s controller can
be established with internal clock references or with an
external time-base. The LTC3883 can be configured for
an external clock input through the programmed value in
NVM, a PMBus command or setting the RBOTTOM resistor
of the FREQ_CFG pin to 0Ω and the RTOP to open. The
PMBus command FREQUENCY_SWITCH is set to exter-
nal clock. The MFR_PWM_CONFIG_LTC3883 command
determines the relative phasing. The RCONFIG input can
set the relative phasing with respect to the falling edge of
SYNC. The master should be selected to be out of phase
with the slave. The RUN pin must be low before the
FREQUENCY and MFR_PWM_CONFIG_LTC3883 com-
mands can be written to the LTC3883. The relative phas-
ing of all devices in a PolyPhase rail should be optimally
phased. The relative phasing of each rail is 360/n where
n is the number of phases in the rail.
If the LTC3883 is configured as the oscillator output on
SYNC,theswitchingfrequencysourcecanbeselectedwith
either external configuration resistors or through serial
busprogramming.TheFREQ_CFGconfigurationresistor
pin can be used to select the FREQUENCY_SWITCH
and MFR_PWM_CONFIG_LTC3883 values as outlined
in Table 14. Otherwise, the FREQUENCY_SWITCH and
MFR_PWM_CONFIG_LTC3883 PMBus commands can
be used to select PWM switching frequency and the PWM
channel phase relationship. The phase and frequency
relationships are completely independent of each other
providing the numerous application options for the user.
If the LTC3883 is configured to drive the SYNC pin using



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com