Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 26 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 22Page - Analog Devices LTM4677 Datasheet HTML 23Page - Analog Devices LTM4677 Datasheet HTML 24Page - Analog Devices LTM4677 Datasheet HTML 25Page - Analog Devices LTM4677 Datasheet HTML 26Page - Analog Devices LTM4677 Datasheet HTML 27Page - Analog Devices LTM4677 Datasheet HTML 28Page - Analog Devices LTM4677 Datasheet HTML 29Page - Analog Devices LTM4677 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 116 page
background image
LTC3883/LTC3883-1
26
Rev. F
For more information www.analog.com
OPERATION
fault, one or more of the LTC3883s is configured to pull
the bussed GPIO pin low. The other LTC3883s are then
configured to shut down when the GPIO pin bus is pulled
low. For autonomous group retry, the faulted LTC3883
is configured to let go of the GPIO pin bus after a retry
interval, assuming the original fault has cleared. All the
LTC3883s in the group then begin a soft-start sequence.
If the fault response is LATCH_OFF, the GPIO pin remains
asserted low until either the RUN pin is toggled OFF/ON or
the part is commanded OFF/ON. The toggling of the RUN
either by the pin or OFF/ON command will clear faults as-
sociated with the LTC3883. If it is desired to have all faults
cleared when either RUN pin is toggled, set bit 0 of MFR_
CONFIG_ALL_LTC3883 to a 1.
The status of all faults and warnings is summarized in the
STATUS_WORD and STATUS_BYTE commands.
Additional fault detection and handling capabilities are:
Internal Memory with CRC and ECC
The LTC3883 contains internal EEPROM with Error Cor-
rection Coding (ECC) to store user configuration settings
and fault log information. EEPROM endurance and reten-
tion are specified in the Absolute Maximum Ratings and
Electrical Characteristics table.
The integrity of the NVM memory is checked with a
CRC calculation each time its data is to be read, such
as after a power-on reset. A CRC failure will prevent the
controller from leaving the inactive state. If a CRC failure
occurs, the CML bit is set in the STATUS_BYTE and
STATUS_WORD commands, the appropriate bit is set in
theSTATUS_MFR_SPECIFICcommand,andtheALERTand
RUN pins will be pulled low. At that point the device will
respond at special address 0x7C, which is only activated
after an invalid CRC has been detected. The chip will also
respond to global addresses 0x5A and 0x5B, but all ADI
PSM chips will respond to these addresses so users must
be careful when using global addresses. NVM repair can
be attempted by writing the desired configuration to the
controller and executing a STORE_USER_ALL command
followed by a CLEAR_FAULTS command. Contact the
factory if EEPROM repair is unsuccessful.
See the Applications Information section or contact the
factory for details on efficient in-system EEPROM pro-
gramming, including bulk EEPROM programming, which
the LTC3883 also supports.
SERIAL INTERFACE
The LTC3883 serial interface is a PMBus compliant slave
device and can operate at any frequency between 10kHz
and 400kHz. The address is configurable using either the
NVMoranexternalresistordivider.InadditiontheLTC3883
always responds to the global broadcast address of 0x5A
(7 bit) or 0x5B (7 bit).
Theserialinterfacesupportsthefollowingprotocolsdefined
in the PMBus specifications: 1) send command, 2) write
byte, 3) write word, 4) group, 5) read byte, 6) read word
and 7) read block. All read operations will return a valid
PECifthePMBusmasterrequestsit.IfthePEC_REQUIRED
bit is set in the MFR_CONFIG_ALL_LTC3883 command,
the PMBus write operations will not be acted upon until
a valid PEC has been received by the LTC3883.
Communication Failure
PEC write errors (if PEC_REQUIRED is active), attempts
to access unsupported commands, or writing invalid data
to supported commands will result in a CML fault. The
CML bit is set in the STATUS_BYTE and STATUS_WORD
commands, the appropriate bit is set in the STATUS_CML
command, and the ALERT pin is pulled low.
DEVICE ADDRESSING
TheLTC3883offersfourdifferenttypesofaddressingover
the PMBus interface, specifically: 1) global, 2) device, 3)
rail addressing and 4) alert response address (ARA).
Global addressing provides a means of the PMBus master
to address all LTC3883 devices on the bus. The LTC3883
global address is fixed 0x5A (7 bit) or 0xB4 (8 bit) and can-
not be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com