Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 84 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 84 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 80Page - Analog Devices LTM4677 Datasheet HTML 81Page - Analog Devices LTM4677 Datasheet HTML 82Page - Analog Devices LTM4677 Datasheet HTML 83Page - Analog Devices LTM4677 Datasheet HTML 84Page - Analog Devices LTM4677 Datasheet HTML 85Page - Analog Devices LTM4677 Datasheet HTML 86Page - Analog Devices LTM4677 Datasheet HTML 87Page - Analog Devices LTM4677 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 116 page
background image
LTC3883/LTC3883-1
84
Rev. F
For more information www.analog.com
PMBus COMMAND DETAILS
MFR_RESTART_DELAY
This command specifies the minimum RUN off time in milliseconds. This device will pull the RUN pin low for this length
of time once a falling edge of RUN has been detected. The minimum recommended value is 136ms.
Note: The restart delay is different than the retry delay. The restart delay pulls RUN low for the specified time, after
which a standard start-up sequence is initiated. The minimum restart delay should be equal to TOFF_DELAY + TOFF_
FALL + 136ms. Valid values are from 136ms to 65.52 seconds in 16ms increments. To assure a minimum off time,
set the MFR_RESTART_DELAY 16mS longer than the desired time. The output rail can be off longer than the MFR_
RESTART_DELAY after the RUN pin is pulled high if the output decay bit 0 is enabled in MFR_CHAN_CONFIG_LTC3883
and the output takes a long time to decay below 12.5% of the programmed value.
This command has two data bytes and is formatted in Linear_5s_11s format.
FAULT RESPONSE
Fault Responses All Faults
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
DATA
FORMAT
UNITS
NVM
DEFAULT
VALUE
MFR_RETRY_ DELAY
0xDB
Retry interval during FAULT retry mode.
R/W Word
L11
ms
Y
350
0xFABC
MFR_RETRY_DELAY
This command sets the time in milliseconds between retries if the fault response is to retry the controller at specified
intervals. This command value is used for all fault responses that require retry. The retry time starts once the fault has
been detected by the offending channel. Valid values are from 120ms to 83.88 seconds in 10µs increments.
Note: The retry delay time is determined by the longer of the MFR_RETRY_DELAY command or the time required
for the regulated output to decay below 12.5% of the programmed value. If the natural decay time of the output is
too long, it is possible to remove the voltage requirement of the MFR_RETRY_DELAY command by asserting bit 0 of
MFR_CHAN_CONFIG_LTC3883.
This command has two data bytes and is formatted in Linear_5s_11s format.
Fault Responses Input Voltage
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
DATA
FORMAT
UNITS
NVM
DEFAULT
VALUE
VIN_OV_FAULT_RESPONSE
0x56
Action to be taken by the device when an
input supply overvoltage fault is detected.
R/W Byte
Reg
Y
0x80
VIN_OV_FAULT_RESPONSE
The VIN_OV_FAULT_RESPONSE command instructs the device on what action to take in response to an input over-
voltage fault. The data byte is in the format given in Table 9.
The device also:
• Sets the NONE_OF_THE_ABOVE bit in the STATUS_BYTE
• Set the INPUT bit in the upper byte of the STATUS_WORD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com