Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 18Page - Analog Devices LTM4677 Datasheet HTML 19Page - Analog Devices LTM4677 Datasheet HTML 20Page - Analog Devices LTM4677 Datasheet HTML 21Page - Analog Devices LTM4677 Datasheet HTML 22Page - Analog Devices LTM4677 Datasheet HTML 23Page - Analog Devices LTM4677 Datasheet HTML 24Page - Analog Devices LTM4677 Datasheet HTML 25Page - Analog Devices LTM4677 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 116 page
background image
LTC3883/LTC3883-1
22
Rev. F
For more information www.analog.com
OPERATION
theprogrammedFREQUENCY_SWITCHcommandvalue,
the SYNC pin will pull low at the desired clock rate with
500ns low pulse. Care must be taken in the application to
assure the capacitance on SYNC is minimized to assure
the pull-up resistor versus the capacitor load has a low
enough time constant for the application. In addition,
a phase-locked loop (PLL) is available to synchronize
the internal oscillator to an external clock source that is
connected to the SYNC pin. All phase relationships are
between the falling edge of SYNC and the rising edge
of the LTC3883 TG output. Multiple LTC3883s can be
synchronized in order to realize PolyPhase arrays.
OUTPUT VOLTAGE SENSING
The differential amplifier allows remote, differential sens-
ing of the load voltage with VSENSEn pins. The telemetry
ADC is fully differential and makes measurements of the
output voltage at the VSENSEn pins.
OUTPUT CURRENT SENSING
For DCR current sense applications, a resistor in series
with a capacitor is placed across the inductor. In this
configuration, the resistor is tied to the FET side of the
inductor while the capacitor is tied to the load side of the
inductor as shown in Figure 3. If the RC values are cho-
sen such that the RC time constant matches the inductor
time constant (L/DCR, where DCR is the inductor series
resistance), the resultant voltage (VDCR) appearing across
the capacitor will equal the voltage across the inductor
series resistance and thus represent the current flowing
through the inductor. The RC calculations are based on
the room temperature DCR of the inductor.
The RC time constant should remain constant, as a func-
tionoftemperature.Thisassuresthetransientresponseof
the circuit is the same regardless of the temperature. The
DCR of the inductor has a large temperature coefficient,
approximately 3900ppm/°C. The temperature coefficient
of the inductor must be written to the MFR_IOUT_CAL_
GAIN_TC command. The external temperature is sensed
near the inductor and is used to modify the internal current
limit circuit to maintain an essentially constant current
limit with temperature. In this application, the ISENSE+
pin is connected to the FET side of the capacitor while
the ISENSE– pin is placed on the load side of the capacitor.
The current sensed from the input is then given by the
expression VDCR/DCR. VDCR is digitized by the LTC3883’s
telemetry ADC with an input range of ±128mV, a noise
floor of 7µVRMS, and a peak-peak noise of approximately
46.5µV. The LTC3883 computes the inductor current
using the DCR value stored in the IOUT_CAL_GAIN com-
mand and the temperature coefficient stored in command
MFR_IOUT_CAL_GAIN_TC. The resulting current value is
returned by the READ_IOUT command.
AUTO CALIBRATION
Using a patent pending auto-calibration routine, the
LTC3883 can measure the actual DC resistance for DCR
current sense applications. The measured value is used
in READ_IOUT measurements and eliminates the need
for the user to know the actual resistance of the inductor.
Reference the subsection titled Inductor DCR Calibration
in the Applications Information section for further detail.
ACCURATE DCR TEMPERATURE COMPENSATION
The LTC3883 uses a patent pending algorithm to dy-
namically model the temperature rise from the external
temperature sensor to the inductor core. Refer to the
Accurate DCR Temperature Compensation subsection in
the Applications Information section for complete details.
INPUT CURRENT SENSING
To sense the total input current consumed by the LTC3883
and the power stage, a resistor is placed between the sup-
ply voltage and the drain of the top N-channel MOSFET.
The VIN_SNS and IIN_SNS pins are connected to the sense
resistorthrough100Ωfilterresistors.Bothpinsneedtobe
decoupledtoGND.Afiltercapacitorneedstobeconnected
across the VIN_SNS and IIN_SNS pins. Refer to Figure 25,
Low Noise Input Current Sense Circuit for further details.
The filtered voltage is amplified by the internal high side
current sense amplifier and digitized by the LTC3883’s
telemetry ADC. The input current sense amplifier has
three gain settings of 2x, 4x, and 8x set by the bits 5:4 of
the MFR_PWM_MODE command. The maximum input
sense voltage for the three gain settings is 50mV, 20mV,
and 8mV respectively. The LTC3883 computes the input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com