Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 70 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 70 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 66Page - Analog Devices LTM4677 Datasheet HTML 67Page - Analog Devices LTM4677 Datasheet HTML 68Page - Analog Devices LTM4677 Datasheet HTML 69Page - Analog Devices LTM4677 Datasheet HTML 70Page - Analog Devices LTM4677 Datasheet HTML 71Page - Analog Devices LTM4677 Datasheet HTML 72Page - Analog Devices LTM4677 Datasheet HTML 73Page - Analog Devices LTM4677 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 116 page
background image
LTC3883/LTC3883-1
70
Rev. F
For more information www.analog.com
MFR_RESET
This command provides a means by which the user can perform a reset of the LTC3883.
This write-only command has no data bytes.
PWM CONFIGURATION
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
MFR_PWM_MODE_
LTC3883
0xD4
Configuration for the PWM engine.
R/W Byte
Reg
Y
0xD2
MFR_PWM_CONFIG_
LTC3883
0xF5
Set numerous parameters for the DC/DC controller including
phasing.
R/W Byte
Reg
Y
0x10
FREQUENCY_SWITCH
0x33
Switching frequency of the controller.
R/W Word
L11
kHz
Y
350
0xFABC
MFR_PWM_MODE_LTC3883
TheMFR_PWM_MODE_LTC3883commandallowstheusertoprogramthePWMcontrollertouseBurstModeoperation,
discontinuous (pulse-skipping mode), or forced continuous conduction mode.
BIT
MEANING
7
0b
1b
Use High Range of ILIMIT
Low Current Range
High Current Range
6
Enable Servo Mode
[5:4]
00b
01b
10b
READ_IIN Gain Setting
2x Gain, 50mV Max Input
4x Gain, 20mV Max Input
8x, Gain, 8mV Max Input
3
Start DCR Auto Calibration
2
Reserved
Bit[1:0]
00b
01b
10b
Mode
Discontinuous
Burst Mode Operation
Forced Continuous
Whenever the channel is ramping on, the PWM mode will be discontinuous, regardless of the value of this
command.
Bit [7] of this command determines if the part is in high range or low range of the IOUT_OC_FAULT_LIMIT command.
Changing this bit value changes the PWM loop gain and compensation. Changing this bit value whenever an output is
active may have detrimental system results.
Bit [6] The LTC3883 will not servo while the part is OFF, ramping on or ramping off. When set to a one, the output servo
is enabled. The output set point DAC will be slowly adjusted to minimize the difference between the READ_VOUT_ADC
and the VOUT_COMMAND (or the appropriate margined value).
Bit[5:4] set the READ_IIN gain and range setting of the input current sense amplifier.
PMBus COMMAND DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com