Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 44 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 44 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 40Page - Analog Devices LTM4677 Datasheet HTML 41Page - Analog Devices LTM4677 Datasheet HTML 42Page - Analog Devices LTM4677 Datasheet HTML 43Page - Analog Devices LTM4677 Datasheet HTML 44Page - Analog Devices LTM4677 Datasheet HTML 45Page - Analog Devices LTM4677 Datasheet HTML 46Page - Analog Devices LTM4677 Datasheet HTML 47Page - Analog Devices LTM4677 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 116 page
background image
LTC3883/LTC3883-1
44
Rev. F
For more information www.analog.com
APPLICATIONS INFORMATION
TheoptionalSchottkydiodesconductduringthedeadtime
betweentheconductionofthetwopowerMOSFETs.These
preventthebodydiodesofthebottomMOSFETsfromturn-
ing on, storing charge during the dead time and requiring
a reverse recovery period that could cost as much as 3%
in efficiency at high VIN. A 1A to 3A Schottky is generally
a good compromise for both regions of operation due to
the relatively small average current. Larger diodes result
in additional transition losses due to their larger junction
capacitance.
VARIABLE DELAY TIME, SOFT-START AND OUTPUT
VOLTAGE RAMPING
The LTC3883 must enter the run state prior to soft-start.
The RUN pin is released after the part initializes and VIN is
greater than the VIN_ON threshold. If multiple LTC3883s
are used in an application, they should be configured to
share the same RUN pins. They all hold their respective
RUN pins low until all devices initialize and VIN exceeds
the VIN_ON threshold for all devices. The SHARE_CLK
pin assures all the devices connected to the signal use
the same time base.
After the RUN pin releases, the controller waits for the
user-specified turn-on delay (TON_DELAY) prior to ini-
tiating an output voltage ramp. Multiple LTC3883s and
other ADI parts can be configured to start with variable
delay times. To work correctly, all devices use the same
timing clock (SHARE_CLK) and all devices must share
the RUN pin. This allows the relative delay of all parts to
be synchronized. The actual variation in the delay will be
dependent on the highest clock rate of the devices con-
nected to the SHARE_CLK pin (all Linear Technology ICs
are configured to allow the fastest SHARE_CLK signal to
control the timing of all devices). The SHARE_CLK signal
can be ±10% in frequency, thus the actual time delays will
have proportional variance.
Soft-start is performed by actively regulating the load volt-
age while digitally ramping the target voltage from 0.0V
to the commanded voltage set point. The rise time of the
voltage ramp can be programmed using the TON_RISE
command to minimize inrush currents associated with the
start-up voltage ramp. The soft-start feature is disabled
by setting TON_RISE to any value less than 0.250ms.
The LTC3883 will perform the necessary math internally
to assure the voltage ramp is controlled to the desired
slope. However, the voltage slope can not be any faster
thanthefundamentallimitsofthepowerstage.Theshorter
TON_RISEtimeisset,themorejaggedtheTON_RISEramp
will appear. The number of steps in the ramp is equal to
TON_RISE/0.1ms.
The LTC3883 PWM will always use discontinuous mode
during the TON_RISE operation. In discontinuous mode,
the bottom gate is turned off as soon as reverse current
is detected in the inductor. This will allow the regulator to
start up into a pre-biased load.
There is no tracking feature in the LTC3883; how-
ever, two outputs can be given the same TON_RISE and
TON_DELAY times to effectively ramp up at the same
time. If the RUN pin is released at the same time and both
LTC3883s use the same time base, the outputs will track
very closely. If the circuit is in a PolyPhase configuration,
all timing parameters must be the same.
Thedescribedmethodofstart-upsequencingistimebased.
For concatenated events it is possible to control the RUN
pinbasedontheGPIOpinofadifferentcontroller.TheGPIO
pincanbeconfiguredtoreleasewhentheoutputvoltageof
theconverterisgreaterthantheVOUT_UV_FAULT_LIMIT.
It is recommended to use the deglitched VOUT UV fault
limit because there is little appreciable time delay between
the converter crossing the UV threshold and the GPIO pin
releasing. The deglitched output can be enabled by set-
ting the MFR_GPIO_PROPAGATE_VOUT_UVUF bit in the
MFR_GPIO_PROPAGATE_LTC3883 command. (Refer to
the MFR section of the PMBus commands in this docu-
ment). The deglitched signal may have some glitching
as the VOUT signal transitions through the comparator
threshold. A small internal digital filter of 70µs has been
added to minimize this problem. To minimize the risk of
GPIO pin glitching, make the TON_RISE times less than
100ms.IfunwantedtransitionsstilloccuronGPIO,placea
capacitor to ground on the GPIO pin to filter the waveform.
The RC time-constant of the filter should be set sufficiently
fast to assure no appreciable delay is incurred. A value
of 300µs to 500µs will provide some additional filtering
without significantly delaying the trigger event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com