Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 13Page - Analog Devices LTM4677 Datasheet HTML 14Page - Analog Devices LTM4677 Datasheet HTML 15Page - Analog Devices LTM4677 Datasheet HTML 16Page - Analog Devices LTM4677 Datasheet HTML 17Page - Analog Devices LTM4677 Datasheet HTML 18Page - Analog Devices LTM4677 Datasheet HTML 19Page - Analog Devices LTM4677 Datasheet HTML 20Page - Analog Devices LTM4677 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 116 page
background image
LTC3883/LTC3883-1
17
Rev. F
For more information www.analog.com
OPERATION
OVERVIEW
TheLTC3883isaconstantfrequency,analogcurrentmode
controller for DC/DC step-down applications with a digital
interface. The LTC3883 digital interface is compatible with
PMBus which supports bus speeds of up to 400kHz. A
typical application circuit is shown on the first page of this
data sheet. Major features include:
n
Programmable Output Voltage
n
Programmable Input Voltage Comparator
n
Programmable Current Limit
n
Programmable Switching Frequency
n
Programmable OV and UV Comparators
n
Programmable On and Off Delay Times
n
Programmable Output Rise/Fall Times
n
Phase-LockedLoopforSynchronous,PolyphaseOpera-
tion (2, 3, 4 or 6 Phases)
n
Input and Output Voltage/Current, Temperature and
Duty Cycle Telemetry
n
Fully Differential Load Sense
n
Integrated Gate Drivers
n
Non-Volatile Configuration Memory with ECC
n
Optional External Configuration Resistors for Key
Operating Parameters
n
Optional Time-Base Interconnect for Synchronization
Between Multiple Controllers
n
Fault Logging
n
WP Pin to Protect Internal Configuration
n
StandaloneOperationAfterUserFactoryConfiguration
n
PMBus, 400kHz Compliant Interface
The PMBus interface provides access to important power
management data during system operation including:
n
Internal Controller Temperature
n
External System Temperature via Optional Diode Sense
Elements
n
Average Output Current
n
Average PWM Duty Cycle
n
Average Output Voltage
n
Average Input Voltage
n
Average Input Current
n
Configurable, Latched and Unlatched Individual Fault
and Warning Status
Fault reporting and shutdown behavior are fully configu-
rable using the GPIO output (GPIO). A dedicated pin for
ALERT is provided. The shutdown operation also allows
all faults to be individually masked and can be operated
in either unlatched (hiccup) or latched modes.
Individual status commands enable fault reporting over
the serial bus to identify the specific fault event. Fault or
warning detection includes the following:
n
Output Undervoltage/Overvoltage
n
Input Undervoltage/Overvoltage
n
Input and Output Overcurrent
n
Internal Overtemperature
n
External Overtemperature
n
Communication, Memory or Logic (CML) Fault
MAIN CONTROL LOOP
The LTC3883 is a constant frequency, current mode step-
down controller that operates at a user-defined relative
phasing. During normal operation the top MOSFET is
turnedonwhentheclockforthatchannelsetstheRSlatch,
and turned off when the main current comparator, ICMP,
resets the RS latch. The peak inductor current at which
ICMPresetstheRSlatchiscontrolledbythevoltageonthe
ITH pin which is the output of the error amplifier, EA. The
EAnegativeterminalisequaltotheVSENSEvoltagedivided
by5.5(2.75ifrange=1).ThepositiveterminaloftheEAis
connectedtotheoutputofa12-bitDACwithvaluesranging
from 0V to 1.024V. The output voltage, through feedback
of the EA, will be regulated to 5.5 times the DAC output
(2.75 times if range = 1). The DAC value is calculated by
the part to synthesize the users desired output voltage.
The output voltage is programmed by the user either



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com