Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 67 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 67 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 63Page - Analog Devices LTM4677 Datasheet HTML 64Page - Analog Devices LTM4677 Datasheet HTML 65Page - Analog Devices LTM4677 Datasheet HTML 66Page - Analog Devices LTM4677 Datasheet HTML 67Page - Analog Devices LTM4677 Datasheet HTML 68Page - Analog Devices LTM4677 Datasheet HTML 69Page - Analog Devices LTM4677 Datasheet HTML 70Page - Analog Devices LTM4677 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 116 page
background image
LTC3883/LTC3883-1
67
Rev. F
For more information www.analog.com
MFR_ADDRESS
The MFR_ADDRESS command byte sets the 7 bits of the PMBus slave address for this device.
Setting this command to a value of 0x80 disables device addressing. The GLOBAL device address, 0x5A and 0x5B,
cannot be deactivated. If RCONFIG is set to ignore, the ASEL pin is still used to determine the LSB of the channel ad-
dress. If the ASEL pin is open, the LTC3883 will use the address value stored in NVM.
This command has one data byte.
MFR_RAIL_ADDRESS
The MFR_RAIL_ADDRESS command enables direct device address access to the PAGE activated channel. The value
of this command should be common to all devices attached to a single power supply rail.
The user should only perform command writes to this address. If a read is performed from this address and the rail
devices do not respond with EXACTLY the same value, the LTC3883 will detect bus contention and may set a CML
communications fault.
Setting this command to a value of 0x80 disables rail device addressing for the channel.
This command has one data byte.
GENERAL CONFIGURATION COMMANDS
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
DATA
FORMAT UNITS
NVM
DEFAULT
VALUE
MFR_CHAN_CONFIG_LTC3883
0xD0
Configuration bits that are channel specific.
R/W Byte
Reg
Y
0x1F
MFR_CONFIG_ALL_LTC3883
0xD1
General configuration bits.
R/W Byte
Reg
Y
0x09
MFR_CHAN_CONFIG_LTC3883
General purpose configuration command common to multiple ADI products.
BIT
MEANING
7
Reserved
6
Reserved
5
Reserved
4
Disable RUN Low. When asserted the RUN pin is not pulsed low if commanded OFF
3
Short Cycle. When asserted the output will immediate off if commanded ON while waiting for TOFF_DELAY or TOFF_FALL. TOFF_MIN of 120mS
is honored then the part will command ON.
2
SHARE_CLOCK control. If SHARE_CLOCK is held low, the output is disabled
1
No GPIO ALERT, ALERT is not pulled low if GPIO is pulled low externally.
0
Disables the VOUT decay value requirement for MFR_RETRY_TIME processing. When this bit is set to a 0, the output must decay to less than
12.5% of the programmed value for any action that turns off the rail including a fault, an OFF/ON command, or a toggle of RUN from high to low
to high.
This command has one data byte.
PMBus COMMAND DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com