Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 85 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 85 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 81Page - Analog Devices LTM4677 Datasheet HTML 82Page - Analog Devices LTM4677 Datasheet HTML 83Page - Analog Devices LTM4677 Datasheet HTML 84Page - Analog Devices LTM4677 Datasheet HTML 85Page - Analog Devices LTM4677 Datasheet HTML 86Page - Analog Devices LTM4677 Datasheet HTML 87Page - Analog Devices LTM4677 Datasheet HTML 88Page - Analog Devices LTM4677 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 116 page
background image
LTC3883/LTC3883-1
85
Rev. F
For more information www.analog.com
PMBus COMMAND DETAILS
• Sets the VIN Overvoltage Fault bit in the STATUS_INPUT command, and
• Notifies the host by asserting ALERT pin
This command has one data byte.
Fault Responses Output Voltage
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
DATA
FORMAT
UNITS
NVM
DEFAULT
VALUE
VOUT_OV_FAULT_RESPONSE
0x41
Action to be taken by the device when an
output overvoltage fault is detected.
R/W Byte
Reg
Y
0xB8
VOUT_UV_FAULT_RESPONSE
0x45
Action to be taken by the device when an
output undervoltage fault is detected.
R/W Byte
Reg
Y
0xB8
TON_MAX_FAULT_
RESPONSE
0x63
Action to be taken by the device when a
TON_MAX_FAULT event is detected.
R/W Byte
Reg
Y
0xB8
VOUT_OV_FAULT_RESPONSE
The VOUT_OV_FAULT_RESPONSE command instructs the device on what action to take in response to an output
overvoltage fault. The data byte is in the format given in Table 5.
The device also:
• Sets the VOUT_OV bit in the STATUS_BYTE
• Sets the VOUT bit in the STATUS_WORD
• Sets the VOUT Overvoltage Fault bit in the STATUS_VOUT command
• Notifies the host by asserting ALERT pin
The only values recognized for this command are:
0x00–Part performs OV pull down only, or OV_PULLDOWN.
0x80–The device shuts down (disables the output) and the unit does not attempt to retry. (PMBus, Part II, Section 10.7).
0xB8–The device shuts down (disables the output) and device attempts to retry continuously, without limitation, until
it is commanded OFF (by the RUN pin or OPERATION command or both), bias power is removed, or another fault
condition causes the unit to shut down.
0x4n The device shuts down and the unit does not attempt to retry. The output remains disabled until the part is com-
manded OFF then ON or the RUN pin is asserted low then high or RESET through the command or removal of VIN.
The OV fault must remain active for a period of n • 10µs, where n is a value from 0 to 7.
0x78+n The device shuts down and the unit attempts to retry continuously until either the fault condition is cleared
or the part is commanded OFF then ON or the RUN pin is asserted low then high or RESET through the command or
removal of VIN. The OV fault must remain active for a period of n • 10µs, where n is a value from 0 to 7.
Any other value will result in a CML fault and the write will be ignored.
This command has one data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com