Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 3Page - Analog Devices LTM4677 Datasheet HTML 4Page - Analog Devices LTM4677 Datasheet HTML 5Page - Analog Devices LTM4677 Datasheet HTML 6Page - Analog Devices LTM4677 Datasheet HTML 7Page - Analog Devices LTM4677 Datasheet HTML 8Page - Analog Devices LTM4677 Datasheet HTML 9Page - Analog Devices LTM4677 Datasheet HTML 10Page - Analog Devices LTM4677 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 116 page
background image
LTC3883/LTC3883-1
7
Rev. F
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TJ = 25°C (Note 2). VIN = 12V, VRUN = 3.3V, fSYNC = 500kHz (externally
driven) unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Zero-Code Offset Voltage
±28
µV
tCONVERT
Conversion Time
(Note 6)
80
ms
Input Current Readback
N
Resolution
LSB Step Size
(Note 5)
8x Gain, 0V ≤ |VIN_SNS – IIN_SNS| ≤ 8mV
4x Gain, 0V ≤ |VIN_SNS – IIN_SNS| ≤ 20mV
2x Gain, 0V ≤ |VIN_SNS – IIN_SNS| ≤ 50mV
10
15.26
30.52
61
Bits
µV
µV
µV
IIN_TUE
Total Unadjusted Error
8x Gain, VISENSE > 2.5mV (Note 8)
4x Gain, VISENSE > 4mV (Note 8)
2x Gain, VISENSE > 6mV (Note 8)
l
l
l
±2.0
±1.5
±1.2
%
%
%
VOS
Zero-Code Offset Voltage
±50
µV
tCONVERT
Conversion Time
(Note 6)
160
ms
Supply Current Readback
N
Resolution
LSB Step Size
(Note 5)
10
122
Bits
µV
ICHIP_TUE
Total Unadjusted Error (LTC3883 Only)
Total Unadjusted Error (LTC3883-1 Only)
l
l
±5
±200
%
µA
tCONVERT
Conversion Time
(Note 6)
160
ms
Duty Cycle Readback
D_RES
Resolution
(Note 5)
10
Bits
D_TUE
Total Unadjusted Error
16.3% Duty Cycle
–3
3
%
tCONVERT
Conversion Time
(Note 6)
80
ms
Temperature Readback (T0, T1)
TRES_T
Resolution
0.25
°C
T0_TUE
External TSNS TUE
∆VTSNS = 72mV (Note 8)
l
±3
°C
TI_TUE
Internal TSNS TUE
VRUN = 0.0V, fSYNC = 0kHz (Note 8)
±1
°C
tCONVERT_T
Update Rate
(Note 6)
80
ms
INTVCC Regulator
VINTVCC
Internal VCC Voltage No Load (LTC3883 Only) 6V < VIN < 24V
4.8
5
5.2
V
VLDO_INT
INTVCC Load Regulation (LTC3883 Only)
ICC = 0mA to 50mA
0.5
±2
%
VDD33 Regulator
VDD33
Internal VDD33 Voltage
4.5V < VINTVCC/VEXTVCC
3.2
3.3
3.4
V
ILIM
VDD33 Current Limit
VDD33 = GND, VIN = INTVCC = 4.5V
100
mA
VDD33_OV
VDD33 Overvoltage Threshold
3.5
V
VDD33_UV
VDD33 Undervoltage Threshold
3.1
V
VDD25 Regulator
VDD25
Internal VDD25 Voltage
2.25
2.5
2.75
V
ILIM
VDD25 Current Limit
VDD25 = GND, VIN = INTVCC = 4.5V
80
mA
Oscillator and Phase-Locked Loop
fOSC
Oscillator Frequency Accuracy
250kHz < fSYNC < 1MHz Measured Falling
Edge-to-Falling Edge of SYNC with
SWITCH_FREQUENCY = 250.0.and 1000.0
l
±7.5
%
VTH,SYNC
SYNC Input Threshold
VCLKIN Falling
VCLKIN Rising
1
1.5
V
V
VOL,SYNC
SYNC Low Output Voltage
ILOAD = 3mA
l
0.2
0.4
V
ILEAKSYNC
SYNC Leakage Current in Slave Mode
0V ≤ VPIN ≤ 3.6V
±5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com