Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 20 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 16Page - Analog Devices LTM4677 Datasheet HTML 17Page - Analog Devices LTM4677 Datasheet HTML 18Page - Analog Devices LTM4677 Datasheet HTML 19Page - Analog Devices LTM4677 Datasheet HTML 20Page - Analog Devices LTM4677 Datasheet HTML 21Page - Analog Devices LTM4677 Datasheet HTML 22Page - Analog Devices LTM4677 Datasheet HTML 23Page - Analog Devices LTM4677 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 116 page
background image
LTC3883/LTC3883-1
20
Rev. F
For more information www.analog.com
OPERATION
amount of time following either the RUN pin going high, a
PMBus command to turn on, or the VIN pin voltage rising
aboveapreprogrammedvoltage.Offsequencingishandled
in a similar way. To assure proper sequencing, make sure
allICsconnecttheSHARE_CLKpinstogetherandRUNpins
together. If the RUN pins can not be connected together for
some reason, set bit 2 of MFR_CHAN_CONFIG_LTC3883
to a 1. This bit requires the SHARE_CLK pin to be clocking
beforethepowersupplyoutputcanstart.WhentheRUNpin
ispulledlow,theLTC3883willholdthepinlowfortheMFR_
RESTART_DELAY.TheminimumMFR_RESTART_DELAY
isTOFF_DELAY+TOFF_FALL+136ms.Thisdelayassures
proper sequencing of all rails. The LTC3883 calculates
this delay internally and will not process a shorter delay.
However, a longer commanded MFR_RESTART_DELAY
will be used by the part. The maximum allowed value is
65.52 seconds.
VOLTAGE-BASED SEQUENCING
The GPIO pin can be asserted when the UV threshold is
exceeded. It is possible to feed the GPIO pin from one
LTC3883 into the RUN pin of the next LTC3883 in the
sequence. To use the GPIO pin for voltage based sequenc-
ing, set bit 12 of the MFR_GPIO_PROPAGATE_LTC3883
command = 1. Bit 12 is the VOUT_UVUF which is the
deglitched VOUT_UV comparator. Using the deglitched
VOUT_UV fault limit is recommended because there is
little appreciable time delay between the comparator
crossing the UV threshold and the GPIO pin releasing
This can be implemented across multiple LTC3883s.
The VOUT_UVUF has a 70µs minimum pulse width filter.
If the GPIO_FAULT_RESPONSE command is not set to
ignore, the part will latch off and never be able to start.
If the VOUT voltage bounces around the UV threshold for
a long period of time it is possible for the GPIO output
to toggle more than once. To minimize this problem, set
the TON_RISE time under 100ms. If a fault in the string
of rails is detected, only the faulted rail and downstream
rails will fault off. The rails in the string of devices in front
of the faulted rail will remain on unless commanded off.
SHUTDOWN
The LTC3883 supports two shutdown modes. The first
mode is closed-loop shutdown response, with user-
defined turn-off delay (TOFF_DELAY) and ramp down
rate (TOFF_FALL). The controller will maintain the mode
of operation for TOFF_FALL. In discontinuous conduction
mode, the controller will not draw current from the load
and the fall time will be set by the output capacitance and
load current.
The other shutdown mode occurs in response to a fault
condition or loss of SHARE_CLK (if bit 2 of MFR_CHAN_
CONFIG_LTC3883 is set to a 1) or VIN falling below the
VIN_OFF threshold or GPIO pulled low externally (if the
MFR_GPIO_RESPONSE is set to inhibit). Under these
conditions the power stage is disabled in order to stop
the transfer of energy to the load as quickly as possible.
The shutdown state can be entered from the soft-start or
active regulation states either through user intervention
(deasserting RUN or the PMBus OPERATION command)
or in response to a detected fault or an external fault via
the bidirectional GPIO pin, or loss of SHARE_CLK (if bit
2 of MFR_CHAN_CONFIG_LTC3883 is set to a 1) or VIN
falling below the VIN_OFF threshold.
In hiccup mode, the controller responds to a fault by
shutting down and entering the inactive state for a
programmable delay time (MFR_RETRY_DELAY). This
delay minimizes the duty cycle associated with autono-
mous retries if the fault that caused the shutdown disap-
pears once the output is disabled. The retry delay time
is determined by the longer of the MFR_RETRY_DELAY
command or the time required for the regulated output
to decay below 12.5% of the programmed value. If
multiple outputs are controlled by the same GPIO pin,
Figure 2. Event (Voltage) Based Sequencing
LTC3883
Voltage Based Sequencing by Cascading GPIOs into RUN Pins
GPIO = VOUT_UVUF
RUN
START
LTC3883
3883 F02
RUN
GPIO = VOUT_UVUF
TO NEXT CHANNEL
IN THE SEQUENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com