Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 72 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 72 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 68Page - Analog Devices LTM4677 Datasheet HTML 69Page - Analog Devices LTM4677 Datasheet HTML 70Page - Analog Devices LTM4677 Datasheet HTML 71Page - Analog Devices LTM4677 Datasheet HTML 72Page - Analog Devices LTM4677 Datasheet HTML 73Page - Analog Devices LTM4677 Datasheet HTML 74Page - Analog Devices LTM4677 Datasheet HTML 75Page - Analog Devices LTM4677 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 116 page
background image
LTC3883/LTC3883-1
72
Rev. F
For more information www.analog.com
PMBus COMMAND DETAILS
FREQUENCY_SWITCH
The FREQUENCY_SWITCH command sets the switching frequency, in kHz, of a PMBus device.
Supported Frequencies:
VALUE [15:0]
RESULTING FREQUENCY (TYP)
0x0000
External Oscillator
0xF3E8
250kHz
0xFABC
350kHz
0xFB52
425kHz
0xFBE8
500kHz
0x023F
575kHz
0x028A
650kHz
0x02EE
750kHz
0x03E8
1000kHz
The part must be in the OFF state to process this command. The RUN pin must be low or the part must be commanded
off. If the part is in the RUN state and this command is written, the command will be ignored and a BUSY fault will be
asserted. When the part is commanded off and the frequency is changed, a PLL_UNLOCK status may be detected as
the PLL locks onto the new frequency.
This command has two data bytes and is formatted in Linear_5s_11s format.
VOLTAGE
Input Voltage and Limits
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
DATA FORMAT
UNITS
NVM
DEFAULT VALUE
VIN_OV_FAULT_ LIMIT
0x55
Input supply overvoltage fault limit.
R/W
Word
L11
V
Y
15.5
0xD3E0
VIN_UV_WARN_LIMIT
0x58
Input supply undervoltage warning limit.
R/W
Word
L11
V
Y
6.3
0xCB26
VIN_ON
0x35
Input voltage at which the unit should start
power conversion.
R/W
Word
L11
V
Y
6.5
0xCB40
VIN_OFF
0x36
Input voltage at which the unit should stop
power conversion.
R/W
Word
L11
V
Y
6.0
0xCB00
MFR_RVIN
0xF7
The resistance value of the VIN pin filter
element in milliohms
R/W
Word
L11
mΩ
Y
3000
0x12EE
VIN_OV_FAULT_LIMIT
The VIN_OV_FAULT_LIMIT command sets the value of the measured input voltage, in volts, that causes an input
overvoltage fault. The fault is detected with the A/D converter resulting in latency up to 80ms.
This command has two data bytes and is formatted in Linear_5s_11s format.
VIN_UV_WARN_LIMIT
The VIN_UV_WARN_LIMIT command sets the value of the input voltage that causes an input undervoltage warning.
The warning is detected with the A/D converter resulting in latency up to 80ms.
This command has two data bytes and is formatted in Linear_5s_11s format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com