Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 2Page - Analog Devices LTM4677 Datasheet HTML 3Page - Analog Devices LTM4677 Datasheet HTML 4Page - Analog Devices LTM4677 Datasheet HTML 5Page - Analog Devices LTM4677 Datasheet HTML 6Page - Analog Devices LTM4677 Datasheet HTML 7Page - Analog Devices LTM4677 Datasheet HTML 8Page - Analog Devices LTM4677 Datasheet HTML 9Page - Analog Devices LTM4677 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 116 page
background image
LTC3883/LTC3883-1
6
Rev. F
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TJ = 25°C (Note 2). VIN = 12V, VRUN = 3.3V, fSYNC = 500kHz (externally
driven) unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Gate Driver
TG
tr
tf
TG Transition Time:
Rise Time
Fall Time
(Note 4)
CLOAD = 3300pF
CLOAD = 3300pF
30
30
ns
ns
BG
tr
tf
BG Transition Time:
Rise Time
Fall Time
(Note 4)
CLOAD = 3300pF
CLOAD = 3300pF
20
20
ns
ns
TG/BG t1D
Top Gate Off to Bottom Gate On Delay Time
(Note 4) CLOAD = 3300pF
10
ns
BG/TG t2D
Bottom Gate Off to Top Gate On Delay Time
(Note 4) CLOAD = 3300pF
30
ns
tON(MIN)
Minimum On-Time
45
ns
OV/UV Output Voltage Supervisor
N
Resolution
8
bits
VRANGE0
Voltage Range
Range Value = 0
1
5.5
V
VRANGE1
Voltage Range
Range Value = 1
0.4
2.7
V
VOUSTP0
Step Size
Range Value = 0
22
mV
VOUSTP1
Step Size
Range Value = 1
11
mV
VTHACC0
Threshold Accuracy 2V < VOUT < 5V
Range Value = 0
l
±2
%
VTHACC1
Threshold Accuracy 0.9V < VOUT < 2.5V
Range Value = 1
l
±2
%
tPROPOV1
OV Comparator to GPIO Low Time
VOD = 10% of Threshold
35
µs
tPROPUV1
UV Comparator to GPIO Low Time
VOD = 10% of Threshold
35
µs
VIN Voltage Supervisor
N
Resolution
8
bits
VINRANGE
Full-Scale Voltage
4.5
20
V
VINSTP
Step Size
82
mV
VINTHACC
Threshold Accuracy 8.75V < VIN < 20V
l
±2.5
%
tPROPVIN
Comparator Response Time
(VIN_ON and VIN_OFF)
VOD = 10% of Threshold
100
µs
Output Voltage Readback
N
Resolution
LSB Step Size
16
244
Bits
µV
VF/S
Full-Scale Sense Voltage
(Note 10) VRUN = 0V (Note 8)
8
V
VOUT_TUE
Total Unadjusted Error
TJ = 25°C, VOUT > 0.6V
(Note 8)
l
0.2
0.5
%
%
VOS
Zero-Code Offset Voltage
l
±500
µV
tCONVERT
Conversion Time
(Note 6)
80
ms
VIN Voltage Readback
N
Resolution
(Note 5)
10
Bits
VF/S
Full-Scale Input Voltage
(Note 11)
38.91
V
VIN_TUE
Total Unadjusted Error
TJ = 25°C, VVIN > 4.5V
l
0.4
2
%
%
tCONVERT
Conversion Time
(Note 6)
80
ms
Output Current Readback
N
Resolution
LSB Step Size
(Note 5)
0V ≤ |VISENSE+ – VISENSE–| < 16mV
16mV ≤ |VISENSE+ – VISENSE–| < 32mV
32mV ≤ |VISENSE+ – VISENSE–| < 63.9mV
63.9mV ≤ |VISENSE+ – VISENSE–| < 127.9mV
10
15.25
31.25
62.5
125
Bits
µV
µV
µV
µV
IF/S
Full-Scale Input Current
(Note 7) RISENSE = 1mΩ
±128
A
IOUT_TUE
Total Unadjusted Error
(Note 8) VISENSE > 6mV
l
±1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com