Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 97 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 97 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 93Page - Analog Devices LTM4677 Datasheet HTML 94Page - Analog Devices LTM4677 Datasheet HTML 95Page - Analog Devices LTM4677 Datasheet HTML 96Page - Analog Devices LTM4677 Datasheet HTML 97Page - Analog Devices LTM4677 Datasheet HTML 98Page - Analog Devices LTM4677 Datasheet HTML 99Page - Analog Devices LTM4677 Datasheet HTML 100Page - Analog Devices LTM4677 Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 116 page
background image
LTC3883/LTC3883-1
97
Rev. F
For more information www.analog.com
PMBus COMMAND DETAILS
MFR_PADS
This command provides the user a means of directly reading the digital status of the I/O pins of the device. The bit
assignments of this command are as follows:
BIT ASSIGNED DIGITAL PIN
15
VDD33 OV Fault
14
VDD33 UV Fault
13
Reserved
12
Reserved
11
ADC Values Invalid, Occurs During Start-Up
10
Device Driving ALERT Low
9
Reserved
8
Power Good
7
Reserved
6
Device Driving RUN Low
5
Reserved
4
RUN
3
Reserved
2
Device Driving GPIO Low
1
Reserved
0
GPIO
A 1 indicates the condition is true.
This read-only command has two data bytes.
MFR_COMMON
The MFR_COMMON command contains bits that are common to all LTC digital power and telemetry products.
BIT
MEANING
7
Chip Not Driving ALERT Low
6
Busy when Low
5
Calculations Not Pending
4
Output in Transition when Low
3
NVM Initialized
2
Reserved
1
SHARE_CLK Timeout
0
WP Pin Status
This read-only command has one data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com