Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 7Page - Analog Devices LTM4677 Datasheet HTML 8Page - Analog Devices LTM4677 Datasheet HTML 9Page - Analog Devices LTM4677 Datasheet HTML 10Page - Analog Devices LTM4677 Datasheet HTML 11Page - Analog Devices LTM4677 Datasheet HTML 12Page - Analog Devices LTM4677 Datasheet HTML 13Page - Analog Devices LTM4677 Datasheet HTML 14Page - Analog Devices LTM4677 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 116 page
background image
LTC3883/LTC3883-1
11
Rev. F
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Soft-Off Ramp
Current Sense Threshold
vs ITH Voltage (Low Range)
Maximum Current Sense Threshold
vs Duty Cycle, VOUT = 0V
Maximum Current Sense Threshold
vs Common Mode Voltage
Regulated Output
vs Temperature
SHARE_CLK Frequency
vs Temperature
SHARE-CLK Frequency vs VIN
Quiescent Current vs Temperature
VOUT Measurement Error vs VOUT
RUN
2V/DIV
VOUT
1V/DIV
5ms/DIV
tFALL = 5ms
tDELAY = 10ms
3883 G10
DUTY CYCLE (%)
0
51
53
55
90
3883 G12
49
47
50
52
54
48
46
45
30
50
70
50mV SENSE CONDITION
TEMPERATURE (°C)
–50
0.4975
0.4980
0.4990
0.4995
0.5000
0.5025
0.5010
0
50
75
3883 G14
0.4985
0.5015
0.5020
0.5005
–25
25
100 125 150
TEMPERATURE (°C)
–50
90
95
100
105
110
–25
0
25
50
3883 G15
75 100 125 150
VIN (V)
6
100.0
100.5
22
3883 G16
99.5
99.0
10
14 16
28
26
101.0
18
8
12
24
20
TEMPERATURE (°C)
–50
10
15
20
25
–25
0
25
50
3883 G17
75 100 125 150
VOUT (V)
0.5
0.40
0.30
0.20
0.10
0
–0.10
–0.20
–0.30
–0.40
4.5
3883 G18
1.5
2.5
3.5
5.5
4
1
2
3
5
VITH (V)
0
10
20
30
1.5
2.5
3883 G11
0
–10
–20
0.5
1
2
40
50
60
VSENSE 50mV
VSENSE 25mV
COMMON MODE VOLTAGE (V)
0
50.0
50.5
1
2
3
4
3883 G13
5
51.5
51.0
50mV SENSE CONDITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com