Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 90 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 90 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 86Page - Analog Devices LTM4677 Datasheet HTML 87Page - Analog Devices LTM4677 Datasheet HTML 88Page - Analog Devices LTM4677 Datasheet HTML 89Page - Analog Devices LTM4677 Datasheet HTML 90Page - Analog Devices LTM4677 Datasheet HTML 91Page - Analog Devices LTM4677 Datasheet HTML 92Page - Analog Devices LTM4677 Datasheet HTML 93Page - Analog Devices LTM4677 Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 116 page
background image
LTC3883/LTC3883-1
90
Rev. F
For more information www.analog.com
This condition is detected by the ADC so the response time may be up to 80ms.
This command has one data byte.
UT_FAULT_RESPONSE
The UT_FAULT_RESPONSE command instructs the device on what action to take in response to an external under-
temperature fault on the external temp sensors. The data byte is in the format given in Table 9.
The device also:
• Sets the TEMPERATURE bit in the STATUS_BYTE
• Sets the Undertemperature Fault bit in the STATUS_TEMPERATURE command, and
• Notifies the host by asserting ALERT pin
This condition is detected by the ADC so the response time may be up to 80ms.
This command has one data byte.
Table 9. Data Byte Contents: TON_MAX_FAULT_RESPONSE, VIN_OV_FAULT_RESPONSE,
OT_FAULT_RESPONSE, UT_FAULT_RESPONSE
BITS
DESCRIPTION
VALUE
MEANING
7:6
Response
For all values of bits [7:6], the LTC3883:
• Sets the corresponding fault bit in the status commands, and
• Notifies the host by asserting ALERT pin
The fault bit, once set, is cleared only when one or more of the
following events occurs:
• The device receives a CLEAR_FAULTS command
• The output is commanded through the RUN pin, the OPERATION
command, or the combined action of the RUN pin and
OPERATION command, to turn off and then to turn back on, or
• Bias power is removed and reapplied to the LTC3883
00
The PMBus device continues operation without interruption.
01
Not supported. Writing this value will generate a CML fault.
10
The device shuts down immediately (disables the output) and
responds according to the retry setting in bits [5:3].
11
Not supported. Writing this value will generate a CML fault.
5:3
Retry Setting
000
The unit does not attempt to restart. The output remains
disabled until the fault is cleared until the device is commanded
OFF bias power is removed.
111
The PMBus device attempts to restart continuously, without
limitation, until it is commanded OFF (by the RUN pin or
OPERATION command or both), bias power is removed, or
another fault condition causes the unit to shut down without
retry. Note: The retry interval is set by the MFR_RETRY_DELAY
command.
2:0
Delay Time
XXX
Not supported. Values ignored
FAULT SHARING
Fault Sharing Propagation
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
DATA
FORMAT
UNITS
NVM
DEFAULT
VALUE
MFR_GPIO_
PROPAGATE_LTC3883
0xD2
Configuration that determines which faults are
propagated to the GPIO pin.
R/W Word
Reg
Y
0x2993
PMBus COMMAND DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com