Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 4Page - Analog Devices LTM4677 Datasheet HTML 5Page - Analog Devices LTM4677 Datasheet HTML 6Page - Analog Devices LTM4677 Datasheet HTML 7Page - Analog Devices LTM4677 Datasheet HTML 8Page - Analog Devices LTM4677 Datasheet HTML 9Page - Analog Devices LTM4677 Datasheet HTML 10Page - Analog Devices LTM4677 Datasheet HTML 11Page - Analog Devices LTM4677 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 116 page
background image
LTC3883/LTC3883-1
8
Rev. F
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TJ = 25°C (Note 2). VIN = 12V, VRUN = 3.3V, fSYNC = 500kHz (externally
driven) unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SYNC-
SYNC to Channel Phase Relationship Based
on the Falling Edge of Sync and Rising Edge
of TG
MFR_PWM_CONFIG_LTC3883[2:0] = 0
MFR_PWM_CONFIG_LTC3883[2:0] = 1
MFR_PWM_CONFIG_LTC3883[2:0] = 2
MFR_PWM_CONFIG_LTC3883[2:0] = 3
MFR_PWM_CONFIG_LTC3883[2:0] = 4
MFR_PWM_CONFIG_LTC3883[2:0] = 5
MFR_PWM_CONFIG_LTC3883[2:0] = 6
MFR_PWM_CONFIG_LTC3883[2:0] = 7
0
90
180
270
60
120
240
300
Deg
Deg
Deg
Deg
Deg
Deg
Deg
Deg
EEPROM Characteristics
Endurance
(Note 13)
0°C < TJ < 85°C During EEPROM Write
Operations
l
10,000
Cycles
Retention
(Note 13)
TJ < 125°C
l
10
Years
Mass_Write Mass Write Operation Time
STORE_USER_ALL, 0°C < TJ ≤ 85°C
During EEPROM Write Operations
l
440
4100
ms
Digital Inputs SCL, SDA, RUN, GPIO
VIH
Input High Threshold Voltage
SCL, SDA, RUN, GPIO
l
1.35
V
VIL
Input Low Threshold Voltage
SCL, SDA, RUN, GPIO
l
0.8
V
VHYST
Input Hysteresis
SCL, SDA
0.08
V
CPIN
Input Capacitance
10
pF
Digital Input WP
IPUWP
Input Pull-Up Current
WP
10
µA
Open-Drain Outputs SCL, SDA, GPIO, ALERT, RUN, SHARE_CLK, PGOOD
VOL
Output Low Voltage
ISINK = 3mA
l
0.4
V
Digital Inputs SHARE_CLK, WP
VIH
Input High Threshold Voltage
l
1.5
1.8
V
VIL
Input Low Threshold Voltage
l
0.6
1.0
V
Leakage Current SDA, SCL, ALERT, RUN
IOL
Input Leakage Current
0V ≤ VPIN ≤ 5.5V
l
±5
µA
Leakage Current GPIO, PGOOD
IGL
Input Leakage Current
0V ≤ VPIN ≤ 3.6V
l
±2
µA
Digital Filtering of GPIO
IFLTG
Input Digital Filtering GPIO
3
µs
Digital Filtering of RUN
IFLTG
Input Digital Filtering RUN
10
µs
PMBus Interface Timing Characteristics
fSCL
Serial Bus Operating Frequency
l
10
400
kHz
tBUF
Bus Free Time Between Stop and Start
l
1.3
µs
tHD,STA
Hold time After Repeated Start Condition.
After this Period, the First Clock is Generated
l
0.6
µs
tSU,STA
Repeated Start Condition Setup Time
l
0.6
µs
tSU,STO
Stop Condition Setup Time
l
0.6
µs
tHD,DAT
Data Hold Time
Receiving Data
Transmitting Data
l
l
0
0.3
0.9
µs
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com