Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 14 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 10Page - Analog Devices LTM4677 Datasheet HTML 11Page - Analog Devices LTM4677 Datasheet HTML 12Page - Analog Devices LTM4677 Datasheet HTML 13Page - Analog Devices LTM4677 Datasheet HTML 14Page - Analog Devices LTM4677 Datasheet HTML 15Page - Analog Devices LTM4677 Datasheet HTML 16Page - Analog Devices LTM4677 Datasheet HTML 17Page - Analog Devices LTM4677 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 116 page
background image
LTC3883/LTC3883-1
14
Rev. F
For more information www.analog.com
PIN FUNCTIONS
VIN_SNS (Pin 1): Input Current Sense Comparator Input.
The (–) input to the input current comparator is normally
connected to the supply side of the input current sense
resistor through a 100Ω resistor. If the input current
sense amplifier is not used, this pin must be shorted to
the IIN_SNS and VIN pins.
IIN_SNS (Pin 2): Input Current Sense Comparator Input.
The (+) input to the input current comparator is normally
connected to the power stage side of the input current
sense resistor through a 100Ω resistor. If the input current
sense amplifier is not used, this pin must be shorted to
the VIN_SNS and VIN pins.
ISENSE+ (Pin 3): Current Sense Comparator Input. The (+)
input to the current comparator is normally connected
to the DCR sensing network or current sensing resistor.
ISENSE– (Pin 4): Current Sense Comparator Input. The (–)
input is connected to the output.
SYNC (Pin 5): External Clock Synchronization Input and
Open-Drain Output Pin. If an external clock is present at
this pin, the switching frequency will be synchronized to
the external clock. If clock master mode is enabled, this
pin will pull low at the switching frequency with a 500ns
pulsewidthtoground.Aresistorpull-upto3.3Visrequired
in the application.
SCL (Pin 6): Serial Bus Clock Input. A pull-up resistor to
3.3V is required in the application.
SDA (Pin 7): Serial Bus Data Input and Output. A pull-up
resistor to 3.3V is required in the application.
ALERT (Pin 8): Open-Drain Digital Output. Connect the
SMBALERT signal to this pin.
GPIO (Pin 9): Digital Programmable General Purpose
Inputs and Outputs. Open-drain output.
PGOOD(Pin10):DigitalPowerGoodIndicator.Open-drain
output. The PGOOD pin is based on comparator outputs
and may be used for sequencing.
RUN (Pin 11): Enable Run Input. Logic high on this pin
enables the controller. This pin requires a resistor pull-
up to 3.3V in the application and should be driven by an
open-drain digital output.
DNC (Pins 12, 16): Do Not Connect to This Pin.
ASEL (Pin 13): Serial Bus Address Configuration Input.
Connect a ±1% resistor divider between the chip VDD25
ASELandGNDinordertoselectthe4LSBsoftheserialbus
interface address. A resistor divider on ASEL is required
if there are more than one LTC3883 on the same board
to assure the user can independently program each IC. If
the pin is left open, the IC will use the value programmed
in the NVM. Minimize capacitance when the pin is open
to assure accurate detection of the pin state.
FREQ_CFG (Pin 14): Frequency or Phase Set/Select Pin.
Connect a ±1% resistor divider between the chip VDD25
FREQ_CFGandGNDinordertoselectswitchingfrequency
or phase. If the pin is left open, the IC will use the value
programmed in the NVM. Minimize capacitance when the
pin is open to assure accurate detection of the pin state.
VOUT_CFG (Pin 15): Output Voltage Select Pin. Connect a
±1% resistor divider between the chip VDD25, VOUT_CFG
and SGND in order to select output voltage. This voltage
can be adjusted with the VTRIM_CFG pins. If the pin is left
open, the IC will use the value programmed in the NVM.
Minimize capacitance when the pin is open to assure ac-
curate detection of the pin state.
VTRIM_CFG (Pin 17): Voltage Trim Select Pin. Connect a
±1% resistor divider between the chip VDD25, VTRIM_CFG
and SGND in order to adjust the output voltage set point.
The VTRIM_CFG settings in conjunction with the VOUT_CFG
setting adjusts the voltage set point. If the pin is left open,
the IC will either not modify the VOUT_CFG setting or use
NVM. Minimize capacitance when the pin is open to assure
accurate detection of the pin state.
VDD25 (Pin 18): Internally Generated 2.5V Power Supply
Output. Bypass this pin to GND with a low ESR 1μF capaci-
tor. Do not load this pin with external current.
WP (Pin 19): Write Protect Pin Active High. An internal
10µA current source pulls the pin to VDD33. If WP is high,
the PMBus writes are restricted.
SHARE_CLK (Pin 20): Share Clock, Bidirectional Open-
Drain Clock Sharing Pin. Nominally 100kHz. Used to syn-
chronize the timing between multiple LTC3883s. Tie all the
SHARE_CLK pins together. All LTC3883s will synchronize
to the fastest clock. An equivalent pull-up resistance of
5.49k to VDD33 is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com