Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM4677
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 5Page - Analog Devices LTM4677 Datasheet HTML 6Page - Analog Devices LTM4677 Datasheet HTML 7Page - Analog Devices LTM4677 Datasheet HTML 8Page - Analog Devices LTM4677 Datasheet HTML 9Page - Analog Devices LTM4677 Datasheet HTML 10Page - Analog Devices LTM4677 Datasheet HTML 11Page - Analog Devices LTM4677 Datasheet HTML 12Page - Analog Devices LTM4677 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 116 page
background image
LTC3883/LTC3883-1
9
Rev. F
For more information www.analog.com
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3883/LTC3883-1 are tested under pulsed load conditions
such that TJ ≈ TA. The LTC3883E/LTC3883E-1 are guaranteed to meet
performance specifications from 0°C to 85°C. Specifications over the
–40°C to 105°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3883I/LTC3883I-1 are guaranteed over the full –40°C to 125°C operating
junction temperature range. TJ is calculated from the ambient temperature,
TA, and power dissipation, PD, according to the following formula:
TJ = TA + (PD • θJA)
The maximum ambient temperature consistent with these specifications
is determined by specific operating conditions in conjunction with board
layout, the rated package thermal impedance and other environmental
factors.
Note 3: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.
Note 4: Rise and fall times are measured using 10% and 90% levels. Delay
times are measured using 50% levels.
Note 5: The data format in PMBus is 5 bits exponent (signed) and 11 bits
mantissa (signed). This limits the output resolution to 10 bits though the
internal ADC is 16 bits and the calculations use 32-bit words.
Note 6: The data conversion is done in round robin fashion. All inputs
signals are continuously converted for a typical latency of 80ms.
Note 7: The IOUT_CAL_GAIN = 1.0mΩ and MFR_IOUT_TC = 0.0. Value as
read from READ_IOUT in amperes.
Note 8: Part tested with PWM disabled. Evaluation in application
demonstrates capability. TUE (%) = ADC Gain Error (%) + 100 •
[Zero Code Offset + ADC Linearity Error]/Actual Value.
Note 9: All VOUT commands assume the ADC is used to auto-zero the
output to achieve the stated accuracy. LTC3883 is tested in a feedback
loop that servos VOUT to a specified value.
Note 10: The maximum VOUT voltage is 5.5V.
Note 11: The maximum VIN voltage is 28V.
Note 12: When VIN < 6V, INTVCC must be tied to VIN.
Note 13: EEPROM endurance is guaranteed by design, characterization
and correlation with statistical process controls. Data retention is
production tested via a high temperature bake at wafer level. The minimum
retention specification applies for devices whose EEPROM has been cycled
less than the minimum endurance specification. The RESTORE_USER_ALL
command (NVM read) is valid over the entire operating temperature range.
Note 14: The LTC3883-1 quiescent current (IQ) equals the IQ of VIN plus
the IQ of EXTVCC.
Note 15: The LTC3883 includes overtemperature protection that is
intended to protect the device during momentary overload conditions.
Junction temperature will exceed 125°C when overtemperature protection
is active. Continuous operation above the specified maximum operating
junction temperature may impair device reliability.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TJ = 25°C (Note 2). VIN = 12V, VRUN = 3.3V, fSYNC = 500kHz (externally
driven) unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSU,DAT
Data Setup Time
Receiving Data
l
0.1
µs
tTIMEOUT_SMB Stuck PMBus Timer Non-Block Reads
Stuck PMBus Timer Block Reads
Measured from the Last PMBus Start Event
32
150
ms
ms
tLOW
Serial Clock Low Period
l
1.3
10000
µs
tHIGH
Serial Clock High Period
l
0.6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com