Electronic Components Datasheet Search
  English  ▼

X  

GC5316 Datasheet(PDF) 38 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 38 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 34Page - Texas Instruments GC5316 Datasheet HTML 35Page - Texas Instruments GC5316 Datasheet HTML 36Page - Texas Instruments GC5316 Datasheet HTML 37Page - Texas Instruments GC5316 Datasheet HTML 38Page - Texas Instruments GC5316 Datasheet HTML 39Page - Texas Instruments GC5316 Datasheet HTML 40Page - Texas Instruments GC5316 Datasheet HTML 41Page - Texas Instruments GC5316 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
38
The NCO spurious levels are better than –115 dBC. Added phase dither randomizes the ROM lookup slightly, hence
the ROM lookup error – spreading the spurious energy around rather than concentrating it in a few frequencies. The
phase dither is added below the lsb of the ROM lookup. If the tuning frequency has no high bits more than 17 bits
below the msb, the phase dither has no effect. If the tuning frequency is a multiple of Fs/96 then an initial phase offset
of four often reduces NCO spurs. Figure 32 and Figure 33 show the spur level performance of the NCO without dither,
with dither, and with a phase offset value.
a) Worst Case Spectrum Without Dither
b) Spectrum With Dither (Tuned to Same Frequency)
Figure 32. Example NCO Spurs With and Without Dithering
a) Plot Without Dither or Phase Initialization
b) Plot With Dither and Phase Initialization
Figure 33. NCO Peak Spur Plot
The tuning frequency is specified as a 32-bit frequency word and is programmed as three sequential 16-bit words
over the control port. The NCO operates at the same speed as the txclk / (tadj_interp_decim + 1). The frequency
resolution is simply the Fclk/ 232. The NCO frequency resolution is simply the Fclk/ 232. As an example, at an input
clock rate of 61.44 MHz, the frequency step size would be approximately 14 MHz. The frequency word is determined
by the formula:
Frequency word (in decimal) = 232 x Tuning Frequency / Fclk
NOTE: Frequency tuning words can be positive or negative valued. Specifying a positive frequency value translates
baseband frequencies upward. Specifying a negative tuning frequency translates baseband frequencies downwards.
Table 13. Programming
VARIABLE
DESCRIPTION
phase_add_a(31:0)
32-bit tuning frequency word for the A signal when in CDMA mode. Also for UMTS mode.
phase_add_b(31:0)
32-bit tuning frequency word for the B signal when in CDMA mode. Not used in UMTS mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com