Electronic Components Datasheet Search
  English  ▼

X  

GC5316 Datasheet(PDF) 59 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 59 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 55Page - Texas Instruments GC5316 Datasheet HTML 56Page - Texas Instruments GC5316 Datasheet HTML 57Page - Texas Instruments GC5316 Datasheet HTML 58Page - Texas Instruments GC5316 Datasheet HTML 59Page - Texas Instruments GC5316 Datasheet HTML 60Page - Texas Instruments GC5316 Datasheet HTML 61Page - Texas Instruments GC5316 Datasheet HTML 62Page - Texas Instruments GC5316 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
59
agc_gaina_msb
U
0100
1F
13
3
0
Upper 3 bits of the CDMA channel A (or
UMTS) gain value.
agc_freeze
U
0100
1F
12
1
1
Keeps the agc from adapting and only
multiplies the input data by the programmed
gain. Should be asserted when the AGC
algorithm is to be bypassed.
agc_max_cnt
D
0100
1F
8
4
0
when the agc_output ( input x gain ) is at full
scale for this number of times then the gain
shift value is changed to D3.
agc_gainb_msb
U
0100
1F
5
3
0
Upper 3 bits of the CDMA channel B gain
value.
agc_clear
U
0100
1F
4
1
0
Clears the AGC accumulator. Should assert
this when the AGC is in bypass mode.
agc_zero_cnt
D
0100
1F
0
4
0
When the agc_output ( input x gain) is zero
value for this number of times then the gain
shift value is changed to agc_dzero.
agc_gaina_lsb
U
0120
0
0
16
4096
This is the lower 16 bits of the total 19 bits of
programmable gain. The gaina value is
always positive with the upper 7 bits being
the integer value and the lower 12 bits being
the fractional. This gain value is used for all
UMTS operations and for channel A data
when in CDMA mode. This holds the lower
four integer bits and the 12 fractional bits.
The upper 3 integer bits are stored in the
agc_gaina_msb variable. A value of
0001000000000000 is unity gain.
agc_gainb_lsb
U
0120
1
0
16
4096
This is the lower 16 bits of the total 19 bits of
programmable gain. The gainb value is
always positive with the upper 7 bits being
the integer value and the lower 12 bits being
the fractional. This gain value is used for
channel B data when in CDMA mode. This
holds the lower four integer bits and the 12
fractional bits. The upper 3 integer bits are
stored in the agc_gainb_msb variable. A
value of 0001000000000000 is unity gain.
agc_amax
D
0120
2
0
16
512
The maximum value that gain can be
adjusted up to. The top 7 bits are integer and
bottom the 9 bits are fractional.
agc_amin
D
0120
3
0
16
512
The minimum value that gain can be
adjusted down to. The top 7 bits are integer
and the bottom 9 bits are fractional.
pser_recv_fsinvl
U
0120
4
8
7
25
Receive serial interface frame sync interval
in bit clocks.
pser_recv_bits
U
0120
4
0
5
17
Number of output bits per sample−1; for 18
bits, this is set to {10001}.
pser_recv_clkdiv
U
0120
5
12
4
1
Receive serial interface clock divider rate−1;
0 is full rate and 15 divides the clock by 16.
For example, to run the receive serial
interface at 1/4 the receive clock, set
pser_recv_clkdiv(3:0) = 0011.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com