Electronic Components Datasheet Search
  English  ▼

X  

GC5316 Datasheet(PDF) 43 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 43 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 39Page - Texas Instruments GC5316 Datasheet HTML 40Page - Texas Instruments GC5316 Datasheet HTML 41Page - Texas Instruments GC5316 Datasheet HTML 42Page - Texas Instruments GC5316 Datasheet HTML 43Page - Texas Instruments GC5316 Datasheet HTML 44Page - Texas Instruments GC5316 Datasheet HTML 45Page - Texas Instruments GC5316 Datasheet HTML 46Page - Texas Instruments GC5316 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
43
3.2.1.1
Transmit Composite RMS Power Meter
Integrate
58 bits
C lear
Register
Transfer
32
I
Q
18
18
Sync
RM S Power
Interrupt
From
Sum chain
37
36
36
Integration Period C ounter
21 Bits
Sync Delay
Counter
9Bits
(in 8 sample
increments)
I nterval
Counter
21 Bits
(in samples)
pmeterX_sync_delay
pmeerX_interval
pmeterX_integration
21
21
9
Sync
Event
Sync Delay
Integration
Start
Integration Time
Integration
Start
Integration Time
Integration Time
Interval Time
Integration
Start
Interval Time
Interrupt
Interrupt
Interrupt
Time
Power Measurement Time Line
Figure 37. Transmit RMS Power Meter
The GC5316 provides four independent transmit output ports, each of which is the sum of a number of individual
transmit carriers (a sum chain). Four composite RMS power meters measures the RMS power of the combined
carriers in each of the four sum chains. These power meters are similar to those used to measure the RMS power
of each individual channel, but have different counter lengths.
The input to the power meter is the scaled and rounded output of a sum chain. Power is calculated by squaring each
18-bit I and Q sample, summing, and then integrating the summed-squared results into a 58-bit accumulator. The
integration time is pmeter_integration (21 bits) output sample periods.
There is a programmable 21-bit interval counter which sets the interval over which power measurements are
repeated. The interval time = pmeter_interval+1. The interval time must be greater than (not equal to) the integration
time. A measurement integration period is started at the beginning of each interval time.
The process begins with a sync event starting the 9-bit delay counter. After the delay count + 2 samples, the
integration interval is started. The power is calculated for each I and Q sample and added to the 58-bit accumulator.
The integration continues until the integration count is met at which point the upper 32 bits of the 58-bit integrator
are transferred to the read register and an interrupt is generated. A new measurement period starts at the end of the
interval period.
NOTE:Each of the four composite RMS power meter blocks has its own delay sync, interval, and integration period
counters, as well as separate sync source registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com