Electronic Components Datasheet Search
  English  ▼

X  

GC5316 Datasheet(PDF) 8 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 8 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 4Page - Texas Instruments GC5316 Datasheet HTML 5Page - Texas Instruments GC5316 Datasheet HTML 6Page - Texas Instruments GC5316 Datasheet HTML 7Page - Texas Instruments GC5316 Datasheet HTML 8Page - Texas Instruments GC5316 Datasheet HTML 9Page - Texas Instruments GC5316 Datasheet HTML 10Page - Texas Instruments GC5316 Datasheet HTML 11Page - Texas Instruments GC5316 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
8
2.3
Receive Downconverter Function Blocks
AGC
CFIR Filter
D ecby2
18
F requency
Phase
32
16
NC O
Delay Adjust
I,Q
Serial
Interface
up to 18 bits
(25bitswith
AGC disabled)
PFIR Filter
D ecby1
Six Stage
CI C Filter
D ec4− 32
4to 2
Select
18
18
18
Zero Pad
serial
RM S Power
M easure
Figure 6. Receive Downconverter Function Blocks
The GC5316 downconversion channel can process two CDMA carriers or a single UMTS carrier. Signal data is
selected from one of four ports and can be either real or complex. Data from the selected port is multiplied with a
complex, programmable numerically controlled oscillator (NCO) which tunes the signal of interest to baseband. The
delay adjust and zero pad blocks permits adjustment of the delay in the end-to-end channel. Zero padding
interpolates the signal to the rxclk rate. Filtering consists of a six stage CIC filter which decimates the tuned data by
a factor from 4 to 32, a compensating FIR filter (CFIR) which decimates by a factor of two, followed by a
programmable FIR filter (PFIR) which does not decimate.
The RMS power meter measures the power within the channel’s bandwidth. The AGC automatically drives the gain
and keeps the magnitude of the signal at a user-specified level. This allows fewer bits to represent the signal. The
serial output interface formats and rounds the output data. Each of the above blocks is described in greater detail
in the following sections.
2.3.1 Receive Mixer
20
Sin
Cos
18
18
From Input
D ata Interface
To Channel Delay
From N CO
18
18
18
18
De−Mux
& Round
IA
Q
A
IB
Q
B
Input
Select
18
18
18
18
Figure 7. Receiver Mixer
The input select routes one of the four buses in rx_distribution to the I port and a second bus to the Q port of the mixer.
In CDMA mode, bus selection is time multiplexed so the two channels may select different data sources if desired.
Table 6 shows the bus selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com