Electronic Components Datasheet Search
  English  ▼

X  

GC5316 Datasheet(PDF) 58 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 58 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 54Page - Texas Instruments GC5316 Datasheet HTML 55Page - Texas Instruments GC5316 Datasheet HTML 56Page - Texas Instruments GC5316 Datasheet HTML 57Page - Texas Instruments GC5316 Datasheet HTML 58Page - Texas Instruments GC5316 Datasheet HTML 59Page - Texas Instruments GC5316 Datasheet HTML 60Page - Texas Instruments GC5316 Datasheet HTML 61Page - Texas Instruments GC5316 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
58
5.1.8 DDC Channel Controls
These controls are used by the DDC channels. These follow the ddc <channel_number> keyword in the cmd5316
configuration file.
VARIABLE NAME
TYPE
PAGE
ADDRESS
LSB
POSITION
BIT
WIDTH
DEFAULT
DESCRIPTION
pmeter_integration_ddc
D
0100
2
0
16
0
This is the number of four sample sets to
accumulate for a power measurement. In
CDMA mode, one sample set is the I and Q
of the signal and diversity. Ia and Qa (signal)
are each squared and accumulated and Ib
and Qb (diversity) are squared and
accumulated. In UMTS mode, each I and Q
pair are squared and accumulated. Four
samples are equal to one integration count.
The count is initiated when the sync is
asserted or when the interval start time is
reached. When the integration count is
reached, the accumulated powers are made
available for MPU access and an interrupt is
generated.
pmeter_sync_delay_ddc
D
0100
3
8
8
0
The delay from selected sync source to
when the power calculation starts.
pmeter_interval_ddc
D
0100
3
0
8
0
The start interval timer is the interval over
which the integration is restarted and must
be greater than the integration count. The
interval start counter and RMS power
accumulation is started at the sync pulse
after the programmed delay and every time
the interval counter reaches its limit. This
value is in 1024 sample units.
cic_gain_ddc
U
0100
0E
5
1
0
Adds a fixed gain of 12 dB at the CIC output
when asserted.
test_ena
E
0100
19
10
1
0
TEST BIT. Set to ’0’ for normal operation.
agc_dbelow
D
0100
1D
12
4
0
The value to shift the gain that is then added
to the accumulator when the value of the
incoming data x current gain value is below
the Threshold.
agc_dabove
D
0100
1D
8
4
0
The value to shift the gain that is then
subtracted from the accumulator when the
value of the incoming data x the current gain
value is above the Threshold.
agc_dzero
D
0100
1D
4
4
0
The value to shift the gain that is then added
to the accumulator when the value of the
incoming data x current gain values
consistently equal to zero.
agc_dsat
D
0100
1D
0
4
0
The value to shift the gain that is then
subtracted form the accumulator when the
value of the incoming data x the current gain
value is consistently equal to maximum.
agc_zero_msk
D
0100
1E
12
4
0
Masks the lower 4 bits of the magnitude of
the input signal so that they are counted as
zeros.
agc_rnd
D
0100
1E
8
4
0
Determines where to round the output of the
AGC. 0000 is 18 bits are out. The number of
bits out of the agc is 18 − agc_rnd.
agc_thres
D
0100
1E
0
8
0
This is the threshold that the data x gain is
compared to. This value is compared to the
magnitude of the upper eight bits of the agc
output. (Input x gain).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com