Electronic Components Datasheet Search
  English  ▼

X  

GC5316 Datasheet(PDF) 53 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 53 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 49Page - Texas Instruments GC5316 Datasheet HTML 50Page - Texas Instruments GC5316 Datasheet HTML 51Page - Texas Instruments GC5316 Datasheet HTML 52Page - Texas Instruments GC5316 Datasheet HTML 53Page - Texas Instruments GC5316 Datasheet HTML 54Page - Texas Instruments GC5316 Datasheet HTML 55Page - Texas Instruments GC5316 Datasheet HTML 56Page - Texas Instruments GC5316 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
53
5.1.6 General Transmit Controls
These registers control the transmit output interface from the DUC channels.
VARIABLE NAME
TYPE
PAGE
ADDRESS
LSB
POSITION
BIT
WIDTH
DEFAULT
DESCRIPTION
tst_sel_slice
E
1C00
00
13
3
0
(TESTING PURPOSES) This selects the
slice block that is generating the tst_out
data. (which DUC/DDC)
tst_rate
E
1C00
05
11
5
0
The value here controls the output clock
rate on the clk_tst pin. A value of 0 gives
a full-rate output clock (txclk rate), a 1
gives half-rate output clock, a 3 gives
1/4th rate output clock, and so on. The
number of txclk cycles for which the
clk_tst signal is high + low = 1 + tst_rate.
interf_round
D
1C00
00
8
2
0
Controls round point on the transmit
output data; {00 = 18b, 01=16b, 10=14b,
11=12b}. Rounded output data is MSB
justified. For example, a 12b round point
causes the output data to be presented
on the output pins (17:6), and the output
pins (5:0) to be held low.
interf_ena
D
1C00
00
4
4
15
Enables the individual transmit output
busses 3 through 0. Disabled busses are
always held low.
interf_interl
U
1C00
00
1
1
0
Enables interleaved I/Q data when
asserted.
interf_real
U
1C00
00
0
1
1
Enables real only outputs when asserted.
Complex data is output when cleared.
interf_scale_3
U
1C00
01
12
4
0
Selects the scaling between the
sumchain output signals and the transmit
output pins and transmit composite
power meters. Appropriate limiting and
rounding is performed as required by the
programmed round point. Gain =
2(interf_scale). For sumchain 3.
interf_scale_2
U
1C00
01
8
4
0
Selects the scaling between the
sumchain output signals and the transmit
output pins and transmit composite
power meters. Appropriate limiting and
rounding is performed as required by the
programmed round point. Gain =
2(interf_scale). For sumchain 2
interf_scale_1
U
1C00
01
4
4
0
Selects the scaling between the
sumchain output signals and the transmit
output pins and transmit composite
power meters. Appropriate limiting and
rounding is performed as required by the
programmed round point. Gain =
2(interf_scale). For sumchain 1
interf_scale_0
U
1C00
01
0
4
0
Selects the scaling between the
sumchain output signals and the transmit
output pins and transmit composite
power meters. Appropriate limiting and
rounding is performed as required by the
programmed round point. Gain =
2(interf_scale). For sumchain 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com