Electronic Components Datasheet Search
  English  ▼

X  

GC5316 Datasheet(PDF) 51 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 51 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 47Page - Texas Instruments GC5316 Datasheet HTML 48Page - Texas Instruments GC5316 Datasheet HTML 49Page - Texas Instruments GC5316 Datasheet HTML 50Page - Texas Instruments GC5316 Datasheet HTML 51Page - Texas Instruments GC5316 Datasheet HTML 52Page - Texas Instruments GC5316 Datasheet HTML 53Page - Texas Instruments GC5316 Datasheet HTML 54Page - Texas Instruments GC5316 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
51
5.1.4 Global Control Variables
These registers contain global controls for the GC5316. These registers are not paged and are accessed directly
using addresses 32−63 (20−3f hex)
VARIABLE NAME
TYPE
ADDRESS
LSB
POSITION
BIT
WIDTH
DEFAULT
DESCRIPTION
page
E
21
0
16
0
The Page register selects which page addresses 00−1F
(0−31) will access.
slf_tst_ena
D
22
15
1
0
(TESTING PURPOSES) Turns on the checksum LFSR
for receive and transmit.
rduz_sens_ena
D
22
14
1
0
When enabled, adds noise to the LSB’s to the ADC
inputs.
tst_sel_chan
E
22
1
2
0
(TESTING PURPOSES) In each slice, these bits control
which tst_out is sent to the transmit block. (which
duc/ddc in the slice)
tst_on
E
22
0
1
0
(TESTING PURPOSES) When asserted the testbus is
active, txout_c (17:0), and txout_d (17:0) form the 36-bit
test word output.
The following tristates are active low, 0 turns the output
on, 1 tristates it.
tristate_10
E
23
10
1
1
Reserved outputs for test, must be set to 1 (tristate)
tristate_9
C
23
9
1
1
This bit turns on the slice5 tx_sync, rx_sync, and rx
serial data outputs.
tristate_8
C
23
8
1
1
This bit turns on the slice4 tx_sync, rx_sync, and rx
serial data outputs.
tristate_7
C
23
7
1
1
This bit turns on the slice3 tx_sync, rx_sync, and rx
serial data outputs.
tristate_6
C
23
6
1
1
This bit turns on the slice2 tx_sync, rx_sync, and rx
serial data outputs.
tristate_5
C
23
5
1
1
This bit turns on the slice1 tx_sync, rx_sync, and rx
serial data outputs.
tristate_4
C
23
4
1
1
This bit turns on the slice0 tx_sync, rx_sync, rx serial
data, tx_sync_out, and rx_sync_out outputs.
tristate_3
C
23
3
1
1
This turns on the txout_d outputs.
tristate_2
C
23
2
1
1
This turns on the txout_c CLK_TST, IFLAG_TST, and
SYNC_TST outputs.
tristate_1
C
23
1
1
1
This turns on the txout_b outputs.
tristate_0
C
23
0
1
1
This turns on the txout_a, TX_IFLAG, and TXCLK_OUT
outputs.
tx_oneshot
D
24
15
1
0
When set a one shot pulse is sent to the transmit blocks
for syncing. This only works if the blocks are
programmed to see the oneshot. To use the oneshot
again, it must be programmed back to a ‘0’ and then
back to a ‘1’.
rx_oneshot
D
24
7
1
0
When set a one shot pulse is sent to the receive blocks
for syncing. This only works if the blocks are
programmed to see the oneshot. To use the oneshot
again, it must be programmed back to a ‘0’ and then
back to a ‘1’.
imask_comp_pmeter
D
29
12
4
0
Interrupt mask bits for the transmit composite power
meter
imask_tx_pmeter
D
2A
4
12
0
Interrupt mask bits for the composite power meter
imask_rx_pmeter_msb
D
2A
0
4
0
Interrupt mask bits for the receive composite power
meter− 4 MSBs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com