Electronic Components Datasheet Search
  English  ▼

X  

GC5316 Datasheet(PDF) 55 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 55 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 51Page - Texas Instruments GC5316 Datasheet HTML 52Page - Texas Instruments GC5316 Datasheet HTML 53Page - Texas Instruments GC5316 Datasheet HTML 54Page - Texas Instruments GC5316 Datasheet HTML 55Page - Texas Instruments GC5316 Datasheet HTML 56Page - Texas Instruments GC5316 Datasheet HTML 57Page - Texas Instruments GC5316 Datasheet HTML 58Page - Texas Instruments GC5316 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
55
duc_counter_width
D
1C00
1C
0
8
0
Sets the width of the counter generated
sync pulse in TX clock cycles, from 1 to
256. The width of this pulse must be long
enough to be captured by the slowest
block to use the DUC counter sync.
ssel_comp_pmeter_0
U
1C00
1D
12
3
0
Selects the sync source for composite
power meter 0.
ssel_comp_pmeter_1
U
1C00
1D
8
3
0
Selects the sync source for composite
power meter 1.
ssel_comp_pmeter_2
U
1C00
1D
4
3
0
Selects the sync source for composite
power meter 2.
ssel_comp_pmeter_3
U
1C00
1D
0
3
0
Selects the sync source for composite
power meter 3.
ssel_txsync_out
U
1C00
1E
0
3
0
Selects the sync source for the
TXSYNC_OUT pin.
5.1.7 DDC or DUC Channel Controls
These controls are used by both the DDC or DUC channels. These follow either the ddc <channel_number> or the
duc <channel_number> keywords in the cmd5316 configuration file.
VARIABLE NAME
TYPE
PAGE
ADDRESS
LSB
POSITION
BIT
WIDTH
DEFAULT
DESCRIPTION
cdma_mode
U
0100
0
15
1
1
When asserted the block is in the dual channel
CDMA2000 mode.
crastarttap_pfir
C
0100
0
8
5
0
These bits define the number of taps that PFIR
uses for the filtering. Another way of looking at
these bits is that this value is the location in the
RAM of the center tap. DUC PFIR: (2 x
crastarttap_pfir) +1, DDC PFIR:
4(crastarttap_pfir+1), DDC PFIR long mode:
8(crastarttap_pfir+1). Note: crastarttap_pfir must
be odd for a DUC
crastarttap_cfir
C
0100
0
3
5
0
These bits define the number of taps that CFIR
uses for the filtering. DUC CFIR: (2 x
crastarttap_cfir) +1, DDC CFIR:
2(crastarttap_cfir+1). Note: crastarttap_cfir must
be odd for a DUC
pfir_gain
U
0100
1
13
3
0
This is the gain for the PFIR. The range is from
2e−19 to 2e−12 for the receive PFIR. (“000” =
2e−19 and “111” = 2e−12) For the transmit PFIR
however, only the LSB of the word is used and it
selects either 2e−18 when ‘0’ or 2e−17 when ‘1’.
cfir_gain
U
0100
1
5
1
0
This is the gain for the CFIR. 0= 2e−19, 1=
2e−18.
cic_scale_a
U
0100
0E
11
5
0
This sets the gain shift at the output of the CDMA
A channel (or UMTS channel) CIC. 0x00 is no
shift, each increment by 1 increases the signal
amplitude by 2X.
cic_scale_b
U
0100
0E
6
5
0
This sets the gain shift at the output of the CDMA
B channel CIC. 0x00 is no shift, each increment
by 1 increases the signal amplitude by 2X.
cic_interp_decim
U
0100
0E
0
5
24
Sets the CIC interpolation, where interpolation is
cic_interp_decim + 1 in the digital up converters.
Sets the CIC decimation, where decimation is
cic_interp_decim + 1 in the digital down
converters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com