Electronic Components Datasheet Search
  English  ▼

X  

GC5316 Datasheet(PDF) 40 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 40 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 36Page - Texas Instruments GC5316 Datasheet HTML 37Page - Texas Instruments GC5316 Datasheet HTML 38Page - Texas Instruments GC5316 Datasheet HTML 39Page - Texas Instruments GC5316 Datasheet HTML 40Page - Texas Instruments GC5316 Datasheet HTML 41Page - Texas Instruments GC5316 Datasheet HTML 42Page - Texas Instruments GC5316 Datasheet HTML 43Page - Texas Instruments GC5316 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
40
3.1.9 Transmit Sum Chain
Or 1 U MTS Cha nne l
CDM A
DUC B
CDM A
DUC A
26
DUC 0
Or 1 U MTS Cha nne l
CDM A
DUC B
CDM A
DUC A
Or 1 U MTS Cha nnel
CDM A
DUC B
CDM A
DUC A
DUC 11
D UC 1
D UCs
2−10
To Scale and
Round block
SUM 0
SUM 1
SUM 2
SUM 3
26
26
26
Figure 34. Transmit Sum Chain
The transmit sum chain is a daisy-chain of all DUC outputs into four independent composite output streams. Each
DUC output drives four complex adders, each summing the DUC’s contribution into the sum chain.
The DUC output data driving the adders is 21 bits. The sum chain partial sum outputs are 26 bits to allow for word
growth. Each DUC output can contribute to any of the four sum chains, or not, via programmable enable lines. The
output of the last daisy-chained sum is then the composite of all of the 24 CDMA or 12 UMTS channels. One should
always ensure that within a sum chain, there are no DUCs powered down with lower numbers than those that are
active with higher numbers, thus breaking the chain. In other words, if DUCs 3−5 are used and active, DUCs 0−2
must not be powered down.
As shown in the diagram above, each DUC contains a portion of the sumchain. Within the programming for each DUC
one can enable adding results from that DUC signal path(s) to each of the four sum-chains using the parameters
below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com