Electronic Components Datasheet Search
  English  ▼

X  

GC5316 Datasheet(PDF) 47 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 47 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 43Page - Texas Instruments GC5316 Datasheet HTML 44Page - Texas Instruments GC5316 Datasheet HTML 45Page - Texas Instruments GC5316 Datasheet HTML 46Page - Texas Instruments GC5316 Datasheet HTML 47Page - Texas Instruments GC5316 Datasheet HTML 48Page - Texas Instruments GC5316 Datasheet HTML 49Page - Texas Instruments GC5316 Datasheet HTML 50Page - Texas Instruments GC5316 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
47
4.3
Interrupt Handling
When a GC5316 block sets an interrupt, the interrupt pin goes active if the interrupt source is not masked. The
microprocessor should then read the three interrupt flag registers to determine the source of the interrupt. The
microprocessor then has to read the interrupt source circuits register(s) to clear the interrupt pin and interrupt flag
register bit. The three interrupt registers are listed in the global registers part of the control registers section.
4.4
Sync Signals
Various function blocks within the GC5316 need to be synchronized in order to realize predictable results. The
GC5316 provides a flexible system where each function block that requires synchronization can be independently
synchronized from either device pins or from a software one-shot. The one-shot option is setup and triggered through
control registers. The receive and transmit sections of the chip each have four hardware sync input pins available.
These sync pins are qualified on the chip’s rising clock edge.
Table 1 shows the different sync modes available for both receive and transmit sections.
Table 1. Different Sync Modes Available for Both Receive and Transmit Sections
MODE
RECEIVE SYNC SOURCE
TRANSMIT SYNC SOURCE
0
RxSyncA
TxSyncA
1
RxSyncB
TxSyncB
2
RxSyncC
TxSyncC
3
RxSyncD
TxSyncD
4
DDC sync counter TC
DUC sync counter TC
5
DDC sync triggered by one-shot
DUC sync triggered by one-shot
6
0 (always off)
0 (always off)
7
1 (always on)
1 (always on)
Table 2 through Table 5 summarize the blocks which have functions that can be synchronized using the above eight
sync options:
Table 2. Transmit Common Syncs
SYNC NAME
PURPOSE
ssel_comp_pmeter
Initializes the xmit composite power meter
ssel_duc_counter
Initializes the xmit common sync counter
ssel_duc_serp
Initializes the xmit serial interface
ssel_duc_gain
Updates the gain register
ssel_duc_pilot
Initializes the xmit pilot generator and updates the pilot gain
ssel_duc_tadj
Updates the delay adjust register
ssel_duc_pmeter
Initializes the xmit channel power meter
Table 3. Transmit Channel Syncs
SYNC NAME
PURPOSE
ssel_duc_nco
Resets the NCO accumulator
ssel_duc_freq
Updates the NCO freq registers
ssel_duc_phase
Updates the NCO phase register
ssel_duc_dither
Resets the NCO dither



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com