Electronic Components Datasheet Search
  English  ▼

X  

GC5316 Datasheet(PDF) 30 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 30 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 26Page - Texas Instruments GC5316 Datasheet HTML 27Page - Texas Instruments GC5316 Datasheet HTML 28Page - Texas Instruments GC5316 Datasheet HTML 29Page - Texas Instruments GC5316 Datasheet HTML 30Page - Texas Instruments GC5316 Datasheet HTML 31Page - Texas Instruments GC5316 Datasheet HTML 32Page - Texas Instruments GC5316 Datasheet HTML 33Page - Texas Instruments GC5316 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
30
3.1.3 Transmit UMTS Pilot Code Insertion
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
Lower R egister Load (always loaded with all 1s)
10
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
18
Up perR egisterLoad
1
0
Outp ut
Logic
IÕ
QÕ
IState
I
Q
IÕ QÕ
Q
I
00
01
10
11
−G
G
GG
−G
−G
G−G
G
(Gain)
A
Reg
16
Negate
16
16
Sync
Sync D elay Counter
16 Bits
(in samples)
Delay
16
Synchronization
16-Bit Counter for
Gain Negation
Figure 25. Pilot Code Insertion Logic
The pilot code insertion block is used to generate UMTS pilot scrambling sequences and does not apply when
transmitting CDMA. The pilot sequence is summed with the UMTS input baseband data prior to PFIR filtering.
The sequence is complex and generated from two 18-bit shift registers, each with a unique set of feedback taps.
Specific taps are exclusive/or combined to form the I and Q streams. The streams are then modified by a
user-programmed complex gain value. The gain word G is a signed 16-bit value. The output sequence is +− G. Setting
gain to zero turns off pilot insertion.
Note: Gain MUST be set to zero for CDMA operation.
The upper 18-bit shift register is programmed with a starting sequence based on the desired primary scrambling code
(PSC). There are 512 start sequences for all of the BTS codes. The lower register is always started with a string of
all 1s.
When diversity channels are employed, a counter in the synchronization block toggles the sign of the gain value in
a prescribed fashion. The UMTS frame starts with positive gain for 256 chips, then toggles to negative gain for 512
chips, then toggles again to positive gain for 512 chips, etc. until the end of the frame. The last 256 chips of the frame
will be negative gain. This sequence repeats for subsequent frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com