Electronic Components Datasheet Search
  English  ▼

X  

GC5316 Datasheet(PDF) 56 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 56 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 52Page - Texas Instruments GC5316 Datasheet HTML 53Page - Texas Instruments GC5316 Datasheet HTML 54Page - Texas Instruments GC5316 Datasheet HTML 55Page - Texas Instruments GC5316 Datasheet HTML 56Page - Texas Instruments GC5316 Datasheet HTML 57Page - Texas Instruments GC5316 Datasheet HTML 58Page - Texas Instruments GC5316 Datasheet HTML 59Page - Texas Instruments GC5316 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
56
cic_m2_ena_a
D
0100
0F
10
6
0
Programs the CDMA A channel (or UMTS
channel) CIC fir sections M value to 2 when set,
1 when cleared. cic_m2_ena_a(0) controls the M
value for the first comb section and
cic_m2_ena_a(5) controls the M value for the
last comb section.
cic_m2_ena_b
D
0100
0F
4
6
0
Programs the CDMA B channel CIC fir sections
M value to 2 when set, 1 when cleared.
cic_m2_ena_b(0) controls the M value for the
first comb section and cic_m2_ena_b(5) controls
the M value for the last comb section.
tadj_offset_coarse_a
D
0100
11
10
6
0
This is part of the time delay adjust. This is the
coarse offset and is really an offset from the write
address in the delay ram. This value affects the
A channel if CDMA mode is being used, or the
UMTS channel. Each LSB is one more offset
between input to the course delay block and the
output of the course block.
tadj_offset_coarse_b
D
0100
11
4
6
0
This is part of the time delay adjust. This is the
coarse offset and is really an offset from the write
address in the delay ram. This value affects the
B channel if CDMA mode is being used. Each
LSB is one more offset between input to the
course delay block and the output of the course
block.
tadj_offset_fine_a
D
0100
12
13
3
0
This is part of the time delay adjust. This is the
fine adjust value. It adjusts the time delay at the
clock rate. This value affects the A channel if
CDMA mode is being used, or the UMTS
channel.
tadj_offset_fine_b
D
0100
12
10
3
0
This is part of the time delay adjust. This is the
fine adjust value. It adjusts the time delay at the
clock rate. This value affects the B channel if
CDMA mode is being used.
tadj_interp_decim
U
0100
12
7
3
1
This is the decimation or interpolation value for
the fine time adjust block. Decimation or
interpolation can be from 1 to 8. This value
affects both the A and B channels if CDMA mode
is being used, or the UMTS channel.
phase_add_a_lsb
C
0100
13
0
16
0
This 32 bit word is used to control the frequency
of the NCO. Derived from the keyword freqa by
cmd5316.
(for CDMA channel A or UMTS channel). Lower
16 bits.
phase_add_a_msb
C
0100
14
0
16
0
Upper 16 bits of the above 32-bit word.
phase_add_b_lsb
C
0100
15
0
16
0
This 32-bit word is used to control the frequency
of the NCO. Derived from the keyword freqb by
cmd5316.
(for CDMA channel B). Lower 16 bits.
phase_add_b_msb
C
0100
16
0
16
0
Upper 16 bits of the above 32-bit word.
phase_offset_a
D
0100
17
0
16
0
This is the fixed phase offset added to the output
of the frequency accumulator for sinusoid
generation in the NCO. (UMTS mode and A
channel in CDMA mode)
phase_offset_b
D
0100
18
0
16
0
This is the fixed phase offset added to the output
of the frequency accumulator for sinusoid
generation in the NCO for CDMA B channel.
dither_ena
D
0100
19
15
1
0
This bit controls whether or not dither is turned
on(1) or off(0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com