Electronic Components Datasheet Search
  English  ▼

X  

GC5316 Datasheet(PDF) 27 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 27 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 23Page - Texas Instruments GC5316 Datasheet HTML 24Page - Texas Instruments GC5316 Datasheet HTML 25Page - Texas Instruments GC5316 Datasheet HTML 26Page - Texas Instruments GC5316 Datasheet HTML 27Page - Texas Instruments GC5316 Datasheet HTML 28Page - Texas Instruments GC5316 Datasheet HTML 29Page - Texas Instruments GC5316 Datasheet HTML 30Page - Texas Instruments GC5316 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
27
The diagram above shows the different signal processing blocks and general signal processing flow of an individual
transmit channel. Within a DUC block a single set of hardware performs these functions for one UMTS signal or two
CDMA signals. When processing two CDMA signals the gain, round, power meter, PFIR and CFIR blocks are time
shared to process both signals with one set of hardware. Each DUC can support one UMTS channel or two CDMA
channels.
Each DUC block accepts baseband serial data. At this point the gain can be adjusted and a pilot sequence can be
summed with the data. Power can be measured, and then the data is pulse-shape filtered and interpolated to a higher
rate. The programmable FIR filter (PFIR) is used to pulse shape the data and interpolates by a factor of two. The
compensating CIC filter (CFIR) compensates for the roll-off of the following CIC filter and also interpolates by a factor
of two. The CIC filter performs additional interpolation which is programmable. The delay adjust block permits the
channel’s delay to be adjusted relative to all other DUC channels.
The interpolated, filtered, and delayed data is then tuned to a user-programmed frequency with a digital mixer and
oscillator. The DUC’s output data then drives four independent sum chain paths, where output data from each DUC
can be summed into four composite streams.
Each function block is described in greater detail in subsequent sections.
Table 1. Programming
VARIABLE
DESCRIPTION
ddc_duc_ena
When set this turns on the DUC. When unset, the block is turned off.
cdma_mode
When set, the DUC block is in CDMA2000 mode.
3.1.1 Transmit Serial Input Interface
Frame Strobe
Clkdiv
Sync
4
Frame
Delay
2
Interleaved I,Q
2CDMA
CD MA DUC Channel A
DU C Block
CD MA DUC Channel B
Interleaved I,Q
1UMTS
I
Q
CH A
CH B
Shared between two DUC blocks; ie 2k & 2k+1, k=0 to 5
1UMTS
Imsb
Imsb−1
Qmsb
Qmsb−1
Pins from adjacent DUC
txin_X_a
txin_X_b
Figure 22. Transmit Serial Input Interface
Each DUC block has two serial input data pins. These pins are used to transfer I/Q baseband data into the DUC
channel for interpolation, filtering, and tuning to a carrier frequency. How these pins are used depends on the channel
configuration of the DUC block.
When the block is configured for two CDMA channels, one pin (txin_X_a) accepts serial data for signal A, the other
pin (txin_X_b) for signal B. Input I and Q data, programmable up to 18 bits, is multiplexed over the serial input pin
starting with the most significant I bit. The maximum input bit rate is txclk. The interface can be programmed to accept
up to 32 bits, but only the upper 18 bits will be used as input signal data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com