Electronic Components Datasheet Search
  English  ▼

X  

GC5316 Datasheet(PDF) 57 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 57 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 53Page - Texas Instruments GC5316 Datasheet HTML 54Page - Texas Instruments GC5316 Datasheet HTML 55Page - Texas Instruments GC5316 Datasheet HTML 56Page - Texas Instruments GC5316 Datasheet HTML 57Page - Texas Instruments GC5316 Datasheet HTML 58Page - Texas Instruments GC5316 Datasheet HTML 59Page - Texas Instruments GC5316 Datasheet HTML 60Page - Texas Instruments GC5316 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
57
test_bits_1
E
0100
19
13
2
0
TEST BITS. Set to ’0’ for normal operation.
pmeter_sync_disable
D
0100
19
12
1
0
Turns off the sync to the channel power meter.
This can be used to individually turn off syncs to
a channels power meter, while still having syncs
to other power meters on the chip.
ddc_duc_ena
U
0100
19
11
1
0
When set this turns on the DUC or DDC. When
unset, the clocks to this block are turned off.
mixer_gain
U
0100
19
9
1
0
Adds a fixed −6 dB of gain to the mixer
output(before round and limiting) when asserted.
Else adds −12-dB gain when deasserted.
mpu_ram_read
E
0100
19
8
1
0
(TESTING PURPOSES) Allows the coefficient
RAMs in the PFIR/CFIR to be read out the mpu
data bus. This cannot be done during normal
operation and must be done when the state of
the output data is not important. THIS BIT MUST
BE SET ONLY DURING THE READ
OPERATION.
sumchn_sel_b
U
0100
19
4
4
2
This word controls the second set of additions for
the CDMA B signal in the sumchn output. The
selection bits are not mutually exclusive.
sumchn_sel_a
U
0100
19
0
4
1
This word controls the first set of additions for the
CDMA A signal (or UMTS signal) in the sumchn
output. The selection bits are not mutually
exclusive.
tst_sel_block
E
0100
1A
0
6
0
(TESTING PURPOSES) This is the selection of
which signal comes out the test bus. When a
constant ‘0’ is selected this also reduces power
by preventing the data at the input of the test
block from changing. It does not stop the clock
however.
ssel_pmeter
U
0120
0B
8
3
0
Selects the sync source for the channel power
meter.
ssel_serial
U
0120
0B
0
3
0
Selects the sync source for the DUC and DDC
serial interface state machines.
ssel_tadj_fine
U
0120
0C
12
3
0
Selects the sync source for the fine time adjust
decimation(DUC) or zero stuff(DDC) moment.
ssel_tadj_coarse
U
0120
0C
8
3
0
Selects the sync source for the course time
adjust delay selection.
ssel_gain
U
0120
0C
4
3
0
Selects the sync source for the DUC gain
register or DDC AGC gain register.
ssel_nco
U
0120
0D
12
3
0
Selects the sync source for the NCO
accumulator reset.
ssel_dither
U
0120
0D
8
3
0
Selects the sync source for the NCO phase
dither generator reset.
ssel_freq
U
0120
0D
4
3
0
Selects the sync source for the NCO frequency
register.
ssel_phase
U
0120
0D
0
3
0
Selects the sync source for the NCO phase
offset register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com