Electronic Components Datasheet Search
  English  ▼

X  

GC5316 Datasheet(PDF) 26 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 26 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 22Page - Texas Instruments GC5316 Datasheet HTML 23Page - Texas Instruments GC5316 Datasheet HTML 24Page - Texas Instruments GC5316 Datasheet HTML 25Page - Texas Instruments GC5316 Datasheet HTML 26Page - Texas Instruments GC5316 Datasheet HTML 27Page - Texas Instruments GC5316 Datasheet HTML 28Page - Texas Instruments GC5316 Datasheet HTML 29Page - Texas Instruments GC5316 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
26
The outputs of all DUCs drive four independent complex sum chains. Any DUC can contribute (or not) to any or all
of the four sum chains. The output of a DUC block’s sum chain drives the sum chain input of the next block. The first
DUC to output data is DUC0, while the last is DUC11. The four outputs of a DUC are the sum of all the contributing
channels of all the higher numbered DUC blocks and itself. The sum chain inputs of DUC 11 are grounded. Within
the chain, all DUC blocks from 0 up to the highest numbered DUC in use must be turned on otherwise the sum chain
is broken.
The transmit output interface takes the four summed chains of DUC output data from the output of DUC 0 and then
scales and rounds to a user-programmed number of bits. Composite power meters with programmable integration
periods and intervals compute the power in each of the four output streams. The data is then formatted for output
over the four tx_data_out outputs.
3.1
Digital Upconvert Block (DUC)
Six Stage
CI C Filter
Interp 4 − 32
Serial
Interface
I,Q
Programm able
FI R Filter
Interp by 2
Compensating
FI R Filter
Interp by 2
Serial
Gain
F requency
Phase
32
16
Delay Adjust
Sum 1
Input
NCO
Sum 1
Output
Sum2
Input
Sum2
Output
Sum3
Input
Sum3
Output
Sum4
Input
Sum4
Output
To Next Transmit Channel
FromPreviousTransmitChannel
34
RMS
Power Meter
18
18
18
18
16
16
36
Round
4 signontop
16 data
15 zeros on bottom
18
5 guard on top
18 data
13 on bottom
Pilot
Insertion
(UMTS only)
CDMA A& Bchannels, or1 UMTS channel
Figure 21. Digital Upconvert Block
This section describes the functions available in each of the 12 DUC blocks. Each DUC block has its own register
set and may be programmed individually. The final output rates must match since they are added together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com