Electronic Components Datasheet Search
  English  ▼

X  

GC5316 Datasheet(PDF) 62 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 62 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 58Page - Texas Instruments GC5316 Datasheet HTML 59Page - Texas Instruments GC5316 Datasheet HTML 60Page - Texas Instruments GC5316 Datasheet HTML 61Page - Texas Instruments GC5316 Datasheet HTML 62Page - Texas Instruments GC5316 Datasheet HTML 63Page - Texas Instruments GC5316 Datasheet HTML 64Page - Texas Instruments GC5316 Datasheet HTML 65Page - Texas Instruments GC5316 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
62
gainfora
U
0100
0C
0
16
8192
This is the unsigned gain that is multiplied
with the CDMA channel A or UMTS channel
input signal. The gain multiply is calculated as
gainfora/8192.
gainforb
U
0100
0D
0
16
8192
This is the unsigned gain that is multiplied
with the CDMA channel B input signal.
cic_auto_flush_dis
E
0100
10
12
4
0
Disables the automatic flush feature in the
CIC accumulators.
cic_flush_test
E
0100
10
8
4
0
Forces an overflow detection in the CIC only
on a rising edge of this bit, therefore it must
be programmed to ‘0’ and then back to ‘1’ for
the edge to occur.
cic_flush_clear
E
0100
10
4
4
0
Clears an overflow error manually when set,
again only on a rising edge does this occur.
serp_tran_bits
U
0100
1B
11
5
17
Number of input bits per sample−1; for 18 bits,
this is set to {10001}.
serp_tran_fsdel
D
0100
1B
8
2
1
Delay between frame sync output and MSB of
serial data {3, 2, 1, 0}.
serp_tran_4pin
D
0100
1B
7
1
0
Selects 2-pin mode when cleared and 4-pin
mode when set.
serp_tran_fsinvl
U
0100
1B
0
7
50
Transmit serial interface frame sync interval in
bit clocks.
serp_tran_clkdiv
U
0100
1C
0
4
1
Transmit serial interface clock divider rate−1;
0 is full rate, and 15 divides the clock by 16.
For example, to run the serial interface at 1/4
the transmit clock, set serp_tran_clkdiv(3:0) =
0011.
ssel_pilot
U
0120
0B
4
3
0
Selects the sync source for the DUC pilot
code generator.
6
GC5316 Pin Description
6.1
Transmit Section Signals
SIGNAL NAME
BALL
DESIG
TYPE
DESCRIPTION
txclk
K26
input
Transmit clock input
txin_0_a
T23
input
DUC 0 serial in data. CDMA A: I/Q
UMTS: I
txin_1_a
U25
input
DUC 1 serial in data. CDMA A: I/Q
UMTS: I
txin_0_b
T24
input
DUC 0 serial in data. CDMA B: I/Q
UMTS: Q
txin_1_b
U26
input
DUC 1 serial in data. CDMA B: I/Q
UMTS: Q
txin_2_a
W26
input
DUC 2 serial in data. CDMA A: I/Q
UMTS: I
txin_3_a
V25
input
DUC 3 serial in data. CDMA A: I/Q
UMTS: I
txin_2_b
U24
input
DUC 2 serial in data. CDMA B: I/Q
UMTS: Q
txin_3_b
V26
input
DUC 3 serial in data. CDMA B: I/Q
UMTS: Q
txin_4_a
Y26
input
DUC 4 serial in data. CDMA A: I/Q
UMTS: I
txin_5_a
W25
input
DUC 5 serial in data. CDMA A: I/Q
UMTS: I
txin_4_b
V24
input
DUC 4 serial in data. CDMA B: I/Q
UMTS: Q
txin_5_b
U23
input
DUC 5 serial in data. CDMA B: I/Q
UMTS: Q
txin_6_a
W23
input
DUC 6 serial in data. CDMA A: I/Q
UMTS: I
txin_7_a
AA26
input
DUC 7 serial in data. CDMA A: I/Q
UMTS: I
txin_6_b
Y25
input
DUC 6 serial in data. CDMA B: I/Q
UMTS: Q
txin_7_b
W24
input
DUC 7 serial in data. CDMA B: I/Q
UMTS: Q
txin_8_a
Y23
input
DUC 8 serial in data. CDMA A: I/Q
UMTS: I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com