Electronic Components Datasheet Search
  English  ▼

X  

GC5316 Datasheet(PDF) 15 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 15 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 11Page - Texas Instruments GC5316 Datasheet HTML 12Page - Texas Instruments GC5316 Datasheet HTML 13Page - Texas Instruments GC5316 Datasheet HTML 14Page - Texas Instruments GC5316 Datasheet HTML 15Page - Texas Instruments GC5316 Datasheet HTML 16Page - Texas Instruments GC5316 Datasheet HTML 17Page - Texas Instruments GC5316 Datasheet HTML 18Page - Texas Instruments GC5316 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
15
Table 14. Programming
VARIABLE
DESCRIPTION
cic_interp_decim(4:0)
The CIC decimation ratio (4 to 32) Ncic = cic_interp_decim + 1. This ratio applies to both A and B channels of
the DDC block.
cic_scale_a(4:0)
The shift value for the A channel.
cic_scale_b(4:0)
The shift value for the B channel.
cic_gain_ddc
When asserted, adds a gain of 12 dB at the CIC output.
cic_m2_ena_a(5:0)
Sets the differential delay value M for each of the CIC subtractor stages for the A channel. Cic_m2_ena_a(0)
controls m1 in the figure above.
cic_m2_ena_b (5:0)
Sets the differential delay value M for each of the CIC subtractor stages for the B channel.
cic_bypass
Test feature. Clear for normal operations.
ssel_cic(2:0)
Sets syncing (1 of 8 sources) for the CIC decimation moment.
2.3.6 Receive Compensation FIR Filter
The receive CFIR filter decimates the output of the CIC filter by a fixed factor of two. Filter coefficient size, input data
size, and output data size are 18 bits. The CFIR length can be programmed. This permits turning off taps and saving
power if shorter filters are appropriate. The CFIR power dissipation is proportional to its length. Exploiting symmetry
of the coefficients by setting symmetric_cfir saves a small amount of power (but provides no additional available
taps).
The maximum CFIR filter length is a function of GC5316 clock rate and output sample rate and is limited by the
number of coefficient memory registers. The maximum number of taps is 64 and the minimum number is 14. Lengths
between these limits can be specified in increments of 2.
Subject to the above minimum and maximum values, in the general case, the number of taps available is:
UMT Mode : 2
rxclk
output sample rate
CDMA Mode if cic_iterp_decim is even (decimating by an odd number) : 2
(cic_intrp_decim)
CDMA Mode if cic_iterp_decim is odd (decimating by an even number) : 2
(cic_intrp_decim
) 1)
For CDMA, assuming the GC5316 is clocked at 122.8 MHz and with 2x oversampled output data (2.4576 MSPS),
the CFIR filter length can range from 14 to 48 (not 50) in increments of 2.
For UMTS, at a GC5316 clock rate of 122.8 MHz with 2x oversampled output data (7.68 MSPS), the CFIR filter length
can range from 14 to 32, in increments of 2.
A single set of programmed tap values are used for both the A-side and B-side DDC channels (two CDMA channels)
within a single DDC block when in CDMA mode.
The CFIR filter performs the convolution, gain is applied at full precision, the signal is rounded, and then hard limited.
There is a shifter at the output of the filter the scales the data by either 2e−19 or 2e−18. The gain through the filter is
therefore:
Gain
+ Sum(CFIR coefficients)
2*19)cfir_gain where cfir_gain is 0 or 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com