Electronic Components Datasheet Search
  English  ▼

X  

GC5316 Datasheet(PDF) 54 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 54 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 50Page - Texas Instruments GC5316 Datasheet HTML 51Page - Texas Instruments GC5316 Datasheet HTML 52Page - Texas Instruments GC5316 Datasheet HTML 53Page - Texas Instruments GC5316 Datasheet HTML 54Page - Texas Instruments GC5316 Datasheet HTML 55Page - Texas Instruments GC5316 Datasheet HTML 56Page - Texas Instruments GC5316 Datasheet HTML 57Page - Texas Instruments GC5316 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
54
comp_pmeter0_count_lsb
D
1C00
02
0
16
0
This is the number of sample sets to
accumulate for a power measurement. Ia
and Qa (signal) are each squared and
accumulated. Each pair of I and Q are
equal to one integration count. The
accumulation interval is initiated when
the sync is asserted and the
programmed sync_delay has expired or
when the interval start time is reached.
When the integration count is reached,
the accumulated powers are made
available for MPU access and an
interrupt is generated. Bits 0−15
comp_pmeter0_count_msb
D
1C00
03
0
5
0
Bits 16−20 of the number of sample sets
to accumulate for a power measurement.
(Used in conjunction with the previous
variable.)
comp_pmeter0_sync_delay
D
1C00
03
7
9
0
Programmable start delay from sync, in
eight output sample units.
comp_pmeter0_interval_lsb
D
1C00
04
0
16
0
This is the interval over which the
integration is restarted and must be
greater than the integration count. The
interval start counter and RMS power
accumulation is started at the sync pulse
after the programmed delay and every
time the interval counter reaches its limit.
Bits 0−15
comp_pmeter0_interval_msb
D
1C00
05
0
5
0
Bits 16−20 of the interval over which the
integration is restarted. (Used in
conjunction with the previous variable.)
comp_pmeter1_count_lsb
D
1C00
06
0
16
0
See description for pmeter0
comp_pmeter1_count_msb
D
1C00
07
0
5
0
See description for pmeter0
comp_pmeter1_sync_delay
D
1C00
07
7
9
0
See description for pmeter0
comp_pmeter1_interval_lsb
D
1C00
08
0
16
0
See description for pmeter0
comp_pmeter1_interval_msb
D
1C00
09
0
5
0
See description for pmeter0
comp_pmeter2_count_lsb
D
1C00
0A
0
16
0
See description for pmeter0
comp_pmeter2_count_msb
D
1C00
0B
0
5
0
See description for pmeter0
comp_pmeter2_sync_delay
D
1C00
0B
7
9
0
See description for pmeter0
comp_pmeter2_interval_lsb
D
1C00
0C
0
16
0
See description for pmeter0
comp_pmeter2_interval_msb
D
1C00
0D
0
5
0
See description for pmeter0
comp_pmeter3_count_lsb
D
1C00
0E
0
16
0
See description for pmeter0
comp_pmeter3_count_msb
D
1C00
0F
0
5
0
See description for pmeter0
comp_pmeter3_sync_delay
D
1C00
0F
7
9
0
See description for pmeter0
comp_pmeter3_interval_lsb
D
1C00
10
0
16
0
See description for pmeter0
comp_pmeter3_interval_msb
D
1C00
11
0
5
0
See description for pmeter0
duc_counter_lsb
D
1C00
1A
0
16
65535
32-bit interval timer common to all DUC
sync inputs. This timer may be
programmed to any interval count, and
each DUC synchronization input can
select this counter as a source. This
counter increments on every TXCLK
rising edge. Bits 0−15
duc_counter_msb
D
1C00
1B
0
16
65535
Bits 16−31 of the above mentioned 32-bit
interval timer.
ssel_duc_counter
U
1C00
1C
8
3
0
Selects the sync source for the DUC
sync counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com