Electronic Components Datasheet Search
  English  ▼

X  

FXLS93421 Datasheet(PDF) 216 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 216 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 212Page - NXP Semiconductors FXLS93421 Datasheet HTML 213Page - NXP Semiconductors FXLS93421 Datasheet HTML 214Page - NXP Semiconductors FXLS93421 Datasheet HTML 215Page - NXP Semiconductors FXLS93421 Datasheet HTML 216Page - NXP Semiconductors FXLS93421 Datasheet HTML 217Page - NXP Semiconductors FXLS93421 Datasheet HTML 218Page - NXP Semiconductors FXLS93421 Datasheet HTML 219Page - NXP Semiconductors FXLS93421 Datasheet HTML 220Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
If a SPI error is detected, the device responds with the Error Response as described
in Section 14.5.4 with the Detailed Status Field set to "SPI Error" as defined in
Section 14.5.3.
14.5.7 SPI data output verification error
The device includes a function to verify the integrity of the data output to the MISO pin.
The function compares the data transmitted on the MISO pin to the data intended to be
transmitted. If any one bit doesn't match, a SPI MISO Mismatch Fault is detected and the
MISO_ERR flag in the DEVSTAT3 register is set.
If a valid sensor data request message is received during the SPI transfer with the
MISO mismatch failure, the request is ignored and the device responds with the Error
Response as described in Section 14.5.4 with the Detailed Status Field set to "SPI Error"
as defined in Section 14.5.3. during the subsequent SPI message.
If a valid register write request message is received during the SPI transfer with the
MISO mismatch failure, the register write is completed as requested, but the device
responds with the Error Response as described in Section 14.5.4 with the Detailed
Status Field set to "SPI Error" as defined in Section 14.5.3. during the subsequent SPI
message.
If a valid register read request message is received during the SPI transfer with the MISO
mismatch failure, the register read is ignored and the device responds with the Error
Response as described in Section 14.5.4 with the Detailed Status Field set to "SPI Error"
as defined in Section 14.5.3. during the subsequent SPI message.
aaa-030680
SCLK
D
D Q
R
D Q
R
MISO ERR
MISO
data out buffer
SPI data out shift register
Q
Figure 96. SPI data output verification
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
216 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com