Electronic Components Datasheet Search
  English  ▼

X  

FXLS93421 Datasheet(PDF) 212 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 212 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 208Page - NXP Semiconductors FXLS93421 Datasheet HTML 209Page - NXP Semiconductors FXLS93421 Datasheet HTML 210Page - NXP Semiconductors FXLS93421 Datasheet HTML 211Page - NXP Semiconductors FXLS93421 Datasheet HTML 212Page - NXP Semiconductors FXLS93421 Datasheet HTML 213Page - NXP Semiconductors FXLS93421 Datasheet HTML 214Page - NXP Semiconductors FXLS93421 Datasheet HTML 215Page - NXP Semiconductors FXLS93421 Datasheet HTML 216Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
14.5.1.2 Basic status field for responses to sensor data request commands
ST[1:0] Status
Description
SF[1:0]
Sensor data field Priority
0
0 Device in Initialization
ENDINIT Not Set
0
0
Sensor Data
3
0
1 Normal Mode
ENDINIT Set
0
0
Sensor Data
4
1
0 Self-test
ST_CTRL[3:0] not equal
to '0000' for the associated
channel
0
0
Sensor Data
2
1
1 Internal Error Present
See Section 14.5.3
See Section 14.5.3 See Section 14.5.3
1
Table 333. Basic status field for responses to sensor data request commands
14.5.2 Alternative basic status reporting field
If the SPI_STATUS bit is set in the SPI_CFG register, the basic status reporting is as
shown in Table 334.
ST[1:0] Status
Description
SF[1:0]
Sensor data field Priority
0
0 Device in Initialization
ENDINIT Not Set
0
0
Sensor Data
3
0
1 Normal Mode
ENDINIT Set
0
0
Sensor Data
4
1
0 Self-test
ST_CTRL[3:0] not equal
to '0000' for the associated
channel for dual axis
0
0
Sensor Data
2
1
1 Internal Error Present
See Section 14.5.4
See Section 14.5.4 See Section 14.5.4
1
Table 334. Alternative basic status reporting field
Figure 95 shows the internal device status mapping by register and the basic status field
contents by response type.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
212 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com