Electronic Components Datasheet Search
  English  ▼

X  

FXLS93421 Datasheet(PDF) 211 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 211 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 207Page - NXP Semiconductors FXLS93421 Datasheet HTML 208Page - NXP Semiconductors FXLS93421 Datasheet HTML 209Page - NXP Semiconductors FXLS93421 Datasheet HTML 210Page - NXP Semiconductors FXLS93421 Datasheet HTML 211Page - NXP Semiconductors FXLS93421 Datasheet HTML 212Page - NXP Semiconductors FXLS93421 Datasheet HTML 213Page - NXP Semiconductors FXLS93421 Datasheet HTML 214Page - NXP Semiconductors FXLS93421 Datasheet HTML 215Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Default polynomial
Non-direct seed
x3 + x + 1
SPICRCSEED[2:0]
Table 330. SPI response message CRC, 3-bit
14.4.3.5 Message (KAC) with 3-bit CRC
If the 3-bit CRC is enabled, a 4-bit message counter field (KAC) is added to the Sensor
Data Request Response. The message counter field is a 4-bit rolling message counter
that is independently incremented for each SOURCEID. The initial value of the counter is
'0001'.
14.4.3.6 Example 3-bit CRC calculations
Some example CRC calculations for 32-bit SPI commands are shown in Table 331.
Bits[31:28]
Bits[27:24]
Bits[23:16]
Bits[15:8]
Bits[7:3]
Bits[2:0]
Polynomial
Seed
Command
(Hex)
0x0
(Hex)
Register address
(Hex)
Register data
(Hex)
0b00000
(Binary)
3-bit CRC
(Binary)
x3 + x + 1
111
0x8
0x0
22
C1
0b00000
0b100
x3 + x + 1
111
0x4
0x0
1F
C1
0b00000
0b010
x3 + x + 1
111
0xC
0x0
22
00
0b00000
0b001
x3 + x + 1
111
0x6
0x0
1F
C1
0b00000
0b000
x3 + x + 1
111
0x4
0x0
FF
5A
0b00000
0b000
x3 + x + 1
111
0xC
0x0
3E
00
0b00000
0b101
x3 + x + 1
111
0x6
0x0
FF
5A
0b00000
0b010
Table 331. SPI 3-bit CRC calculation examples
14.5 Exception handling
14.5.1 Standard basic status reporting field
All responses include a basic status field (ST[1:0]) that includes the general status of the
device and transmitted data as described in Table 332 and Table 333. The contents of
the basic status field is a representation of the device status at the rising edge of SS_B
for the previous SPI command.
14.5.1.1 Basic status field for responses to register commands
ST[1:0]
Status
Description
Priority
0
0
Device in Initialization
ENDINIT Not Set
3
0
1
Normal Mode
ENDINIT Set
4
1
0
Self-test
ST_CTRL[3:0] not equal to '0000' for any channel
2
1
1
Internal Error Present
See Figure 95
1
Table 332. Basic status field for responses to register commands
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
211 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com