Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS62933O Datasheet HTML 24Page - Texas Instruments TPS62933O Datasheet HTML 25Page - Texas Instruments TPS62933O Datasheet HTML 26Page - Texas Instruments TPS62933O Datasheet HTML 27Page - Texas Instruments TPS62933O Datasheet HTML 28Page - Texas Instruments TPS62933O Datasheet HTML 29Page - Texas Instruments TPS62933O Datasheet HTML 30Page - Texas Instruments TPS62933O Datasheet HTML 31Page - Texas Instruments TPS62933O Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
ceramic capacitor has DC bias de-rating, it can be achieved with a bank of 2 × 22-μF, 35-V, ceramic capacitor
C3216X5R1V226M160AC in the 1206 case size.
More output capacitors can be used to improve the load transient response. Ceramic capacitors can easily meet
the minimum ESR requirements. In some cases, an aluminum electrolytic capacitor can be placed in parallel
with the ceramics to build up the required value of capacitance. When using a mixture of aluminum and ceramic
capacitors, use the minimum recommended value of ceramics and add aluminum electrolytic capacitors as
needed.
The recommendations given in Table 9-2 provide typical and minimum values of output capacitance for the
given conditions. These values are the effective figures. If the minimum values are to be used, the design must
be tested over all of the expected application conditions, including input voltage, output current, and ambient
temperature. This testing must include both bode plot and load transient assessments. The maximum value of
total output capacitance can be referred to the application note (COUT selection and CFF selection) in Technical
documentation. Large values of output capacitance can adversely affect the start-up behavior of the converter as
well as the loop stability. If values larger than noted here must be used, then a careful study of start-up at full
load and loop stability must be performed.
In practice, the output capacitor has the most influence on the transient response and loop phase margin. Load
transient testing and bode plots are the best way to validate any given design and must always be completed
before the application goes into production. In addition to the required output capacitance, a small ceramic
placed on the output can reduce high frequency noise. Small case size ceramic capacitors in the range of 1 nF
to 100 nF can help reduce spikes on the output caused by inductor and board parasitics.
Table 9-2 shows the recommended LC combination.
Table 9-2. Recommended LC Combination
VOUT(V)
fSW (kHz) RTOP(kΩ) RDOWN(kΩ) TYPICAL INDUCTOR L (μH)
TYPICAL EFFECTIVE COUT
(μF)
MINIMUM EFFECTIVE
COUT (μF)
3.3
500
31.3
10.0
4.7
40
15
1200
2.2
30
10
5
500
52.5
10.0
6.8
20
10
1200
3.3
20
10
12
500
140.0
10.0
12
15
10
9.2.2.9 Input Capacitor Selection
The TPS62933 device requires an input decoupling capacitor and, depending on the application, a bulk input
capacitor. The typical recommended value for the decoupling capacitor is 10 μF, and an additional 0.1-µF
capacitor from the VIN pin to ground is recommended to provide high frequency filtering.
The value of a ceramic capacitor varies significantly over temperature and the amount of DC bias applied to the
capacitor. X5R and X7R ceramic dielectrics are recommended because they have a high capacitance-to-volume
ratio and are fairly stable over temperature. The capacitor must also be selected with the DC bias taken into
account. The effective capacitance value decreases as the DC bias increases.
The capacitor voltage rating needs to be greater than the maximum input voltage. The capacitor must also have
a ripple current rating greater than the maximum input current ripple of the TPS62933. The input ripple current
can be calculated using Equation 22.
u
u
IN_MIN
OUT
OUT
CIN _ RMS
OUT
IN_MIN
IN_MIN
V
V
V
I
I
V
V
(22)
For this example design, two TDK CGA5L1X7R1H106K160AC (10-μF, 50-V, 1206, X7R) capacitors have been
selected. The effective capacitance under input voltage of 24 V for each one is 3.45 μF. The input capacitance
value determines the input ripple voltage of the converter. The input voltage ripple can be calculated using
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS62933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com