Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 33 Page - Texas Instruments

Back Button TPS62933O Datasheet HTML 29Page - Texas Instruments TPS62933O Datasheet HTML 30Page - Texas Instruments TPS62933O Datasheet HTML 31Page - Texas Instruments TPS62933O Datasheet HTML 32Page - Texas Instruments TPS62933O Datasheet HTML 33Page - Texas Instruments TPS62933O Datasheet HTML 34Page - Texas Instruments TPS62933O Datasheet HTML 35Page - Texas Instruments TPS62933O Datasheet HTML 36Page - Texas Instruments TPS62933O Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
VOUT = 20mV/div (AC coupled)
IL = 500mA/div
2uS/div
Figure 9-14. Steady State, IOUT = 0.5 A
VOUT = 20mV/div (AC coupled)
IL = 500mA/div
2uS/div
Figure 9-15. Steady State, IOUT = 1 A
VOUT = 20mV/div (AC coupled)
IL = 1A/div
2uS/div
Figure 9-16. Steady State, IOUT = 2 A
VOUT = 20mV/div (AC coupled)
IL = 1A/div
2uS/div
Figure 9-17. Steady State, IOUT = 3 A
VOUT = 200mV/div (AC coupled)
IOUT = 2A/div
100uS/div
Figure 9-18. Load Transient Response, 0.5 to 2.5 A,
Slew Rate = 0.8 A/μS
VOUT = 200mV/div (AC coupled)
IOUT = 2A/div
100uS/div
Figure 9-19. Load Transient Response, 1 to 3 A,
Slew Rate = 0.8 A/μS
www.ti.com
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TPS62933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com