Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 36 Page - Texas Instruments

Back Button TPS62933O Datasheet HTML 32Page - Texas Instruments TPS62933O Datasheet HTML 33Page - Texas Instruments TPS62933O Datasheet HTML 34Page - Texas Instruments TPS62933O Datasheet HTML 35Page - Texas Instruments TPS62933O Datasheet HTML 36Page - Texas Instruments TPS62933O Datasheet HTML 37Page - Texas Instruments TPS62933O Datasheet HTML 38Page - Texas Instruments TPS62933O Datasheet HTML 39Page - Texas Instruments TPS62933O Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
11 Layout
11.1 Layout Guidelines
The PCB layout of any DC/DC converter is critical to the optimal performance of the design. Bad PCB layout
can disrupt the operation of a good schematic design. Even if the converter regulates correctly, bad PCB layout
can mean the difference between a robust design and one that cannot be mass produced. Furthermore, the
EMI performance of the converter is dependent on the PCB layout to a great extent. In a buck converter, the
most critical PCB feature is the loop formed by the input capacitors and power ground, as shown in Figure 11-1.
This loop carries large transient currents that can cause large transient voltages when reacting with the trace
inductance. These unwanted transient voltages disrupt the proper operation of the converter. Because of this,
the traces in this loop must be wide and short, and the loop area as small as possible to reduce the parasitic
inductance.
TI recommends a 2-layer board with 2-oz copper thickness of top and bottom layer, and proper layout provides
low current conduction impedance, proper shielding, and lower thermal resistance. Figure 11-2 and Figure 11-3
show the recommended layouts for the critical components of the TPS62933.
• Inductor, input/output capacitors, and the IC should be placed on the same layer.
• The input/output capacitors should be placed as close as possible to the IC. The VIN and GND traces should
be as wide as possible and provide sufficient vias on them to minimize trace impedance. The wide areas are
also of advantage from the view point of heat dissipation.
• A 0.1-µF ceramic decoupling capacitor or several should be placed as close as possible to VIN and GND pins
which is key to EMI reduction.
• Keep the SW trace as physically short and wide as practical to minimize radiated emissions.
• BST capacitor and resistor should be placed close to BST pin and SW node, > 10-mil width trace is
recommended to reduce the parasitic inductance.
• The feedback divider should be placed as close as possible to the FB pin, > 10-mil width trace is
recommended for heat dissipation. A separate VOUT trace should be connected to the upper feedback
resistor, the voltage feedback loop should be placed away from the high-voltage switching trace, and
preferably has ground shield.
• SS capacitor and RT resistor should be placed close to the IC and routed with minimal lengths of trace, >
10-mil width trace is recommended for heat dissipation.
C
IN
VIN
SW
GND
KEEP
CURRENT
LOOP
SMALL
Figure 11-1. Current Loop With Fast Edges
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
www.ti.com
36
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS62933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com