Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS62933O Datasheet HTML 17Page - Texas Instruments TPS62933O Datasheet HTML 18Page - Texas Instruments TPS62933O Datasheet HTML 19Page - Texas Instruments TPS62933O Datasheet HTML 20Page - Texas Instruments TPS62933O Datasheet HTML 21Page - Texas Instruments TPS62933O Datasheet HTML 22Page - Texas Instruments TPS62933O Datasheet HTML 23Page - Texas Instruments TPS62933O Datasheet HTML 24Page - Texas Instruments TPS62933O Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
Furthermore, if a severe overload or short circuit causes the FB voltage to fall below VUVP threshold, 65% of the
VREF, and triggering current limit, and the condition occurs for more than the hiccup ON time (typical 256 μs), the
converter enters hiccup mode. In this mode, the device stops switching for hiccup off time, 10.5 × tSS, and then
goes to a normal restart with soft-start time. If the overload or short-circuit condition remains, the device runs
in current limit and then shuts down again. This cycle repeats as long as the overload or short-circuit condition
persists. This mode of operation reduces the temperature rise of the device during a sustained overload or short
circuit condition on the output. Once the output short is removed, the output voltage recovers normally to the
regulated value.
8.3.12 Thermal Shutdown
The junction temperature (TJ) of the device is monitored by an internal temperature sensor. If TJ exceeds 165°C
(typical), the device goes into thermal shut down, both the high-side and low-side power FETs are turned off.
When TJ decreases below the hysteresis amount of 30°C (typical), the converter resumes normal operation,
beginning with a soft start.
www.ti.com
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS62933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com